Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTBL2012 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WTBL2012
Description  Excellent solderability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WTBL2012 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WTBL2012 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
ASC_WTBL2012 Series_V5.0
Nov. Y2017
Electrical Characteristics
1. Insertion Loss Tested by AgilentE5071C
2. DCR Tested by Zentech502BC
3. Operating Temperature Range -40
~ +85
℃
℃
*MSL Level : 1
TYPICAL RoHS REFLOW PROFILE
Part Number
UB/B
Impedance
(ohm)
Insulation
(m OHM)
Min.
Withstand
Voltage
(DCV)
DCR
(OHM)
MAX.
Rated
Voltage
(DCV)
Rated
Current
(mA)
Frequency
Range
Insertion
Loss at
Freq. Range
(max.)
WTBL2012Z0U001PB
50/50
10
125
0.35
50
330
40MHz To
0.86GHz
2.5
WTBL2012Z0U002PB
75/75
10
125
0.35
50
330
50MHz To
1.2GHz
1.2
WTBL2012Z0U003PB
75/75
10
125
0.35
50
330
1.0GHz To
1.5GHz
1.4
WTBL2012Z0U004PB
75/75
10
125
0.35
50
330
50MHz To
1.2GHz
1.2
WTBL2012Z0U005PB
50/50
10
125
0.35
50
330
400MHz To
1.8GHz
2.2
WTBL2012Z0U006PB
75/75
10
125
0.50
50
330
400MHz To
1.8GHz
2.0
WTBL2012Z0U007PB
75/75
10
125
0.50
50
330
50MHz To
1.2GHz
1.2
WTBL2012Z0U008PB
75/75
10
125
0.35
50
330
400MHz To
1.5GHz
1.4
WTBL2012Z0U009PB
75/75
10
125
0.50
50
330
50MHz To
2.35GHz
2.0
WTBL2012Z0U010PB
75/75
10
125
0.50
50
330
250MHz To
2.35GHz
1.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com