Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW12RR010JTLV Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW12RR010JTLV
Description  Metal low ohm power chip resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW12RR010JTLV Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WW12RR010JTLV Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Approval sheet
Page 2 of 10
ASC_WW12R_V_AUTO_V01
Sep - 2014
FEATURE
1.
Metal ultra low and stable TCR performance
2.
High power rating and compact size
3.
High reliability and stability
4.
100% CCD visual inspection
5.
RoHS compliant & complete Lead free
6.
Automotive grade AEC Q200 compliant
7.
Anti-sulfuration H2S 10ppm x 1000hrs compliant
APPLICATION
•
Power supply
•
PDA
•
Digital meter
•
Computer
•
Automotives
•
Battery charger
•
DC-DC power converter
DESCRIPTION
The resistors are constructed in a high grade low resistive metal body. The resistive layer is covered with a
protective coat and printed a resistance marking code over it. Finally, the two external end terminations are
added. For ease of soldering the outer layer of these end terminations is a Lead free terminations.
Fig 1. Construction of Chip-R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com