Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW12RR010JTLV Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW12RR010JTLV
Description  Metal low ohm power chip resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW12RR010JTLV Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WW12RR010JTLV Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW12RR010JTLV Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Approval sheet
Page 3 of 10
ASC_WW12R_V_AUTO_V01
Sep - 2014
QUICK REFERENCE DATA
Item
General Specification
Series No.
WW12R
Size code
1206 (3216)
Resistance Tolerance
±±±±5% , ±±±±1%
Resistance Range
1 ~ 15 m
TCR (ppm/
°C)
1 mohm: ±100 ppm/
°°°°C; 2 ~ 15mohm: ±70 ppm/°°°°C
Max. power at Tamb=70
°C
1W
Max. Operation Current
31.6A ~ 8.2A
Operation temperature
- 55 ~ +155C
Note : Max. Operation Current : So called RCWC (Rated Continuous Working Current) is determined by
Value
Resistance
Power /
Rated
RCWC
=
listed above.
MECHANICAL DATA
Unit: mm
Type
Size (inch)
Resistance
L (mm)
W (mm)
H (mm)
c (mm)
d (mm)
1m
0.32±0.15
1.1±0.25
2m
0.32±0.15
0.5±0.25
3m
0.35±0.1
0.7±0.25
1.3±0.25
4m
0.35±0.1
0.85±0.25
5m
0.35±0.1
1.0±0.25
6m
0.35±0.1
1.1±0.25
7m
0.35±0.1
0.70±0.25
8m
0.35±0.1
0.60±0.25
9m
0.30±0.1
0.75±0.25
10m
0.28±0.1
0.50±0.25
12m
0.22±0.1
0.65±0.25
WW12R
1206
13m
3.2±0.15
1.6±0.15
0.22±0.1
0.65±0.25
L
c
d
d
c
05



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com