Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW25RR010FTL Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW25RR010FTL
Description  Metal Plate Low Ohm Power Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW25RR010FTL Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WW25RR010FTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Approval sheet
Page 5 of 7
ASC_WW25R_V09
MAY -2015
SOLDERING CONDITION
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260
°C for 10
seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other discrete
components on the reverse (mixed PCBs).
Surface Mount Resistors are tested for solderability at 235
°C during 3 seconds. The test condition for no
leaching is 260
°C for 30 seconds. Typical examples of soldering processes that provide reliable joints without
any damage are given in Fig 3.
Fig 3. Infrared soldering profile for Chip Resistors WW25
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WW25
R
R001
F
T
L
Size code
WW25
: 2512
Type code
R : 2W
Sensing type
Resistance code
R is first digit followed by 3
significant digits.
0.001
Ω = R001
0.005
Ω = R005
0.010
Ω = R010
0.0005
Ω = R0L5
Tolerance
J :
±5%
F :
±1%
Packaging code
T : 7” reel in tape
Termination code
L = Sn base
(lead free)
Reeled tape packaging
: 12mm width plastic emboss taping 4,000pcs per reel.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com