Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW25RR010FTL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW25RR010FTL
Description  Metal Plate Low Ohm Power Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW25RR010FTL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WW25RR010FTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Approval sheet
Page 3 of 7
ASC_WW25R_V09
MAY -2015
QUICK REFERENCE DATA
Item
General Specification
Series No.
WW25R
Size code
2512 ( 6432 )
Resistance Tolerance
±5%
±5%, ±1%
Resistance Value
0.0005
Ω,
0.001
Ω, 0.002Ω, 0.003Ω, 0.004Ω,
0.005
Ω, 0.006Ω, 0.007Ω, 0.008Ω,
0.009
Ω, 0.010Ω
TCR (ppm/
°C)
≤ ±75 ppm/°C
Max. dissipation at Tamb=70
°C
2 W
Max. Operation Current (DC or RMS)
63.2A, 44.7A, 31.6A, 25.8A, 22.3A, 20A, 18.2A, 16.9A, 14.1A
Operation temperature
-55 ~ +155’C
Note :
1.
Max. Operation Current : So called RCWC (Rated Continuous Working Current) is determined by
Value
Resistance
/
Power
Rated
RCWC
=
MECHANICAL DATA
Type
Size (inch)
Resistance
L (mm)
W (mm)
H (mm)
c (mm)
d (mm)
0.5m
3.2±0.25
0.58±0.15
1m
3.2±0.25
0.38±0.15
2m
0.58±0.15
3m
0.48±0.15
4m
0.37±0.15
2.2±0.25
5m
0.51±0.15
1.1±0.25
6m
1.05±0.25
7m
0.48±0.15
0.70±0.25
8 m
0.35±0.15
1.10±0.25
9 m
0.35±0.15
0.80±0.25
WW25R
2512
10m
6.3±0.25
3.1±0.25
0.35±0.15
0.50±0.25
L
c
d
d
c



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com