Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1425625 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1425625
Description  Power cable - SAC-3P- 2,5-PVC/M12FSS PE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1425625 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1425625 Datasheet HTML 1Page - PHOENIX CONTACT 1425625 Datasheet HTML 2Page - PHOENIX CONTACT 1425625 Datasheet HTML 3Page - PHOENIX CONTACT 1425625 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1425625
08/26/2019   Page 1 / 4
Power cable - SAC-3P- 2,5-PVC/M12FSS PE - 1425625
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Power cable, 3-position, PVC, black, free cable end, on Socket straight M12, S-coded, cable length: 2.5 m, for
AC current up to 16 A/230 V
Your advantages
 Easy and safe: 100% electrically tested plug-in components
 High-performance: AC connectors for up to 16 A and 230 V AC
 Protection against incorrect connection using special S-coding
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
50 pc
GTIN
GTIN
4055626428345
Technical data
Dimensions
Length of cable
2.5 m
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
Degree of protection
IP67
General
Rated current at 40°C
16 A
Rated voltage
230 V AC
230 V DC
Number of positions
3
Color handle area
black
Insulation resistance
≥ 100 MΩ


Similar Part No. - 1425625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425622 PHOENIX-1425622 Datasheet
67Kb / 4P
Power cable - SAC-3P-M12MSS/ 2,5-PVC PE
1425627 PHOENIX-1425627 Datasheet
366Kb / 11P
SACC-E-M12MSL4FEM16XL/0,2GR-1,5 - Device connector front mounting
1425628 PHOENIX-1425628 Datasheet
115Kb / 7P
Flush-type connector - SACC-EM12FSL4FEM16XL/0,2GR/-1,5
09/12/2020
1425629 PHOENIX-1425629 Datasheet
351Kb / 10P
SACC-DSI-M12MSL4FEM16/0,2GR-1,5 - Device connector, rear mounting
More results

Similar Description - 1425625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402978 PHOENIX-1402978 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/A
1415920 PHOENIX-1415920 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 1,5-PVC/A
1415921 PHOENIX-1415921 Datasheet
81Kb / 3P
Sensor/Actuator cable - SAC-3P- 3,0-PVC/A
1417817 PHOENIX-1417817 Datasheet
112Kb / 9P
Sensor/Actuator cable - SAC-3P- 0,3-PVC/A
1439492 PHOENIX-1439492 Datasheet
85Kb / 4P
Cable - SAC-3P-10,0-PVC/A-1L-Z
1425384 PHOENIX-1425384 Datasheet
68Kb / 4P
Power cable - SAC-3P- 1,5-PVC/M12FSS PE
1425622 PHOENIX-1425622 Datasheet
67Kb / 4P
Power cable - SAC-3P-M12MSS/ 2,5-PVC PE
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1414835 PHOENIX-1414835 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PVC PE
09/12/2020
1533521 PHOENIX-1533521 Datasheet
89Kb / 4P
Sensor/actuator cable - SAC-3P-15,0-PVC/M12FS
12/06/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com