Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1425625 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1425625
Description  Power cable - SAC-3P- 2,5-PVC/M12FSS PE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1425625 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1425625 Datasheet HTML 1Page - PHOENIX CONTACT 1425625 Datasheet HTML 2Page - PHOENIX CONTACT 1425625 Datasheet HTML 3Page - PHOENIX CONTACT 1425625 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1425625
08/26/2019   Page 2 / 4
Power cable - SAC-3P- 2,5-PVC/M12FSS PE - 1425625
Technical data
General
Coding
S power
Standards/regulations
M12 connector IEC 61076-2-111
Status display
No
Protective circuit/component
unwired
Overvoltage category
III
Degree of pollution
3
Insertion/withdrawal cycles
> 100
Torque
0.4 Nm (M12 connector)
Material
Flammability rating according to UL 94
V0
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
PA
Material of grip body
PP
Material, knurls
Zinc die-cast, nickel-plated
Standards and Regulations
Standard designation
M12 connector
Standards/regulations
IEC 61076-2-111
Flammability rating according to UL 94
V0
Cable
Cable type
PVC black
Cable type (abbreviation)
PVC
Cable abbreviation
LSYwYw-JZ
UL AWM style
2517 (105 °C / 300 V)
Conductor cross section
3x 1.5 mm²
AWG power supply
16
Conductor structure, voltage supply
30x 0.25 mm
Core diameter including insulation
2.4 mm ±0.1 mm
Wire colors
black 1, black 2, green/yellow
Overall twist
3 wires, twisted
External sheath, color
black
External cable diameter D
6.8 mm ±0.2 mm
Minimum bending radius, fixed installation
5 x D
Minimum bending radius, flexible installation
12 x D
Cable weight
80 kg/km
Outer sheath, material
PVC
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 10 MΩ*km (at 20 °C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com