Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWA697ATF09 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWA697ATF09
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWA697ATF09 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWA697ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Approval Sheet
Page 2 of 8
ASC_RFASWA697ATF09_V03
Apr. 2018
FEATURES
Low Insertion Loss
:1.0dB typ. @ 6.0GHz
High Isolation
:17dB typ. @ 6.0GHz
Low control voltage
:1.35 to 4.5 V
Miniature footprint
:1.0 x 1.0 x 0.37 mm3:
Moisture Sensitive Level 3 (MSL3)
:
High ESD tolerance of 1kV HBM at all pins
Description
The RFASWA697ATF09 is a SOI (Silicon On Insulator) Single-Pole, Double-Throw (SPDT) high power switch that operating
at 0.4-6.0 GHz. The RFASWA697ATF09 is manufactured in a LGA-6 (1.0 x 1.0 x 0.37 mm3) package.
The RFASWA697ATF09 features very high isolation with very low DC power consumption.
The RFASWA697ATF09 has ESD protection devices to achieve excellent ESD performances.
Application
Multi-mode 2G/3G, LTE application receive system.
Block Diagram and Pin Out (Top View)
1
2
6
5
3
4
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
VDD
DC power supply
4
RF2
RF path 2
2
RF1
RF path 1
5
VCTL
DC control voltage
3
GND
Ground
6
RFC
RF common port
RF1
RF2
RFC
VDD
VCTL
Bias
Decoder



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com