Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWA697ATF09 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWA697ATF09
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWA697ATF09 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWA697ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWA697ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Approval Sheet
Page 3 of 8
ASC_RFASWA697ATF09_V03
Apr. 2018
Application Circuit
VDD
1
2
6
5
3
4
RF2
VCTL
C1
RFC
C2
RF1
Parts List
Parts No.
Value
C1-C2
1000 pF
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
RFx Input Power (f = 0.4 ~ 6.0 GHz)
Pin
-
+33
dBm
DC Supply Voltage
VDD
-
+5.0
V
DC Control Voltage
VCTL
0
+3.5
V
Operating temperature
TOP
-40
+85
°C
Storage temperature
TSTG
-55
+150
°C
HBM ESD Voltage, All Pins
VESD1
-
+1000
V
Note 1:Human Body Model ESD Voltage, Class 1C
Exceeding absolute maximum ratings may cause permanent damage. Operation between operating range maximum and absolute
maximum for extended periods may reduce reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com