Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWAM3489ATF09 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWAM3489ATF09
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWAM3489ATF09 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWAM3489ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Approval Sheet
Page 4 of 8
ASC_RFASWAM3489ATF09_V04
Mar. 2018
Electrical Specifications
(Top= 25°C, VDD=2.8V, VCTL=0/1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
RF Specifications
Operating Frequency
f
0.7
2.7
GHz
Insertion Loss
(RFC to RF1/2 port)
IL
0.7 ~ 0.96 GHz
1.71 ~ 2.17 GHz
2.17 ~ 2.7 GHz
-
0.38
0.40
0.50
-
dB
dB
dB
Isolation
(RFC to RF1/2 port)
Iso
0.7 ~ 0.96 GHz
1.71 ~ 2.17 GHz
2.17 ~ 2.7 GHz
33
24
21
35
26
25
-
dB
dB
dB
On state match
VSWR
0.7 ~ 2.7 GHz
-
1.25
1.5
-
Input Power 0.1dB Compression
Point
P0.1dB
0.7 ~ 2.7 GHz
-
+36
-
dBm
DC Specification (Decoder
Supply Voltage
VDD
2.45
2.85
4.80
V
Supply Current
IDD
VDD= 2.8V
-
30
65
μA
Control Voltage(High)
VCTL(H)
1.35
1.80
3.00
V
Control Voltage(Low)
VCTL(L)
0
-
0.45
V
Control Current
ICTL
VCTL= 1.8V
-
-
5
μA
Switching Specification
Switching speed
TSW
50% VCTL to 90/10% RF
-
1.3
5
μs
Note:All measurements made in a 50
Ω system with 0/+1.8V control voltages, unless otherwise specified.
Logic Table for Switch On-Path (High=1.8V ,Low= 0V)
VCTL
RF1
RF2
0
on
off
1
off
on



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com