Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWAM3489ATF09 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWAM3489ATF09
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWAM3489ATF09 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWAM3489ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Approval Sheet
Page 2 of 8
ASC_RFASWAM3489ATF09_V04
Mar. 2018
FEATURES
Low Insertion Loss
:0.5dB typ. @ 2.7GHz
High Isolation
:25dB typ. @ 2.7GHz
Low control voltage
:1.35V to 3V
High ESD tolerance of 1kV HBM at all pins
:
Miniature footprint
:1.1 x 0.7 x 0.5 mm3 (QFN 6-Pin)
Moisture Sensitive Level 3 (MSL3)
Description
The RFASWAM3489ATF09 is a SOI (Silicon On Insulator) Single-Pole, Double-Throw(SPDT) high power switch that
operating at 0.7-2.7 GHz in a 6-Lead QFN Package (1.1x0.7x0.5mm3).
The RFASWAM3489ATF09 features very high isolation with very low DC power consumption.
The RFASWAM3489ATF09 has ESD protection devices to achieve excellent ESD performances. No DC Blocking capacitors
are required for all RF ports unless DC is biased externally.
Application
Multi-mode 2G/3G, LTE application receive system.
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
VCTL
DC control voltage
4
RF2
RF path 2
2
GND
Ground
5
RFC
RF common port
3
VDD
DC power supply
6
RF1
RF path 1
1
2
3
6
5
4
RF1
RF2
ANT
VDD
VCTL
Bias
Decoder



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com