Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB646BTF09 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB646BTF09
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB646BTF09 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB646BTF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Approval Sheet
Page 2 of 8
ASC_RFASWB646BTF09_V02
Mar. 2018
FEATURES
Low Insertion Loss
:0.7dB typ. @ 3.8GHz
High Isolation
:30dB typ. @ 3.8GHz
Low control voltage
:1.3 to 2.7 V
High ESD tolerance of 1kV HBM at all pins
:
Miniature footprint
:QFN package, 1.83 x 1.83 x 0.55 mm3
Moisture Sensitive Level 3 (MSL3)
:
Description
The RFASWB646BTF09 is a SOI (Silicon On Insulator) double pole double throw (DPDT) switch with an integrated General
Purpose Input Output (GPIO) control. The RFASWB646BTF09 maintains low insertion and high isolation, which makes it an
idea choice for Multi-Mode, GSM, EDGE, UMTS, and TLE handset applications.
The RFASWB646BTF09 is ideally suited for applications where high linearity, high isolation, low insertion loss, low current
consumption, and small size are required.
No blocking capacitor requirement on the RF paths ad long as no DC voltage is applied. The RFASWB646BTF09 is
manufactured in a compact, 1.83 x 1.83 x 0.55 mm3 QFN package.
Application
Multi-mode 3G/4G, LTE TRx system.
Block Diagram and Pin Out (Top View)
RF3
RF1
RF2
VDD
VC1
Bias
Decoder
RF4
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
GND
Ground
7
GND
Ground
2
VDD
DC power supply
8
RF2
RF path 2
3
GND
Ground
9
GND
Ground
4
VC1
Control voltage 1
10
RF3
RF path 3
5
GND
Ground
11
GND
Ground
6
RF4
RF path 4
12
RF1
RF path 1
1
2
3
4
5
6
7
8
9
10
11
12
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com