Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB646BTF09 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB646BTF09
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB646BTF09 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB646BTF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB646BTF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Approval Sheet
Page 3 of 8
ASC_RFASWB646BTF09_V02
Mar. 2018
Application Circuit
1
2
3
4
5
6
7
8
9
10
11
12
GND
VDD
C2
VC1
C1
RF4
RF2
RF3
RF1
Parts List
Parts No.
Value
C1-C2
1000 pF
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Max Input Power
Pin
+37
dBm
DC Supply Voltage
VDD
+2.6
+4.5
V
DC Control Voltage
VC1
0
+3.0
V
Operating temperature
TOP
-40
+85
°C
Storage temperature
TST
-65
+150
°C
HBM ESD Voltage, All Pins
VESD1
-
+1000
V
Exceeding absolute maximum ratings may cause permanent damage. Operation between operating range maximum and absolute
maximum for extended periods may reduce reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com