Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWM617ATF06 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWM617ATF06
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWM617ATF06 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWM617ATF06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Approval Sheet
Page 4 of 8
ASC_RFASWM617ATF06_V03
Mar. 2018
Electrical Specifications at 25°C with VC1~3=1.8V~3.5V/0V~0.1V), Characteristic Impedance Z0=50Ω, Pin=0dBm
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
RF Specifications
Operating frequency
f
0.5
6.0
GHz
Insertion Loss
IL
0.5 ~ 1.5GHz
1.5 ~ 2.7GHz
4.5 ~ 6.0GHz
-
0.35
0.45
0.65
0.45
0.65
1.10
dB
dB
dB
Isolation
Iso
0.5 ~ 1.5GHz
1.5 ~ 2.7GHz
4.5 ~ 6.0GHz
30
25
15
35
30
20
dB
dB
dB
On state match
VSWR
0.5 ~ 2.7GHz
4.5 ~ 6.0GHz
-
1.11
1.28
1.32
1.92
-
Input Power 1dB Compression
Point
P1dB
VLOW = 0 V, VHIGH = 3.3V
VLOW = 0 V, VHIGH = 1.9V
VLOW = 0 V, VHIGH = 1.8V
-
+30
+26.5
+26
-
dBm
DC Specification (Decoder)
Control Voltage(High)
VC1~3(H)
VC1= VC2= VC3
1.8
3.5
V
Control Voltage(Low)
VC1~3(L)
VC1= VC2= VC3
0
0.1
V
Switching Specification
Switching speed
TSW
50% VCTL to 90/10% RF
-
200
300
nS
Note:All measurements made in a 50
Ω system with 0/+3.5V control voltages, unless otherwise specified.
Logic Table for Switch On-Path (State 1=1.8V~3.5V; State 0=0~0.1V)
VC1
VC2
VC3
RF1
RF2
RF3
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
Package Dimensions
Top View
Side View
Bottom View
1.5±0.05
0.5±0.05
0.175±0.05
0.7
0.2
Unit:mm
317



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com