Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWM617ATF06 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWM617ATF06
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWM617ATF06 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWM617ATF06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWM617ATF06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Approval Sheet
Page 2 of 8
ASC_RFASWM617ATF06_V03
Mar. 2018
FEATURES
Low Insertion Loss
:0.45dB typ. @ 2.7GHz, 0.65dB typ. @6GHz
High Isolation
:20dB typ. @ 6GHz
Low control voltage
:0 to 3.5 V
Miniature footprint
:1.5 x 1.5 x 0.5 mm3:
Moisture Sensitive Level 3 (MSL3)
:
Description
The RFASWM617ATF06 is a SOI (Silicon On Insulator) multi-ports switch operating at 0.5-6.0 GHz in a QFN-8 (1.5 x 1.5 x
0.5 mm3) package.
The RFASWM617ATF06 features very high isolation with very low DC power consumption. .
Application
802.11 a/b/g/n WLANs
Bluetooth system
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
RFC
RF common port
5
RF2
RF path 2
2
NC
Not connected
6
VC2
DC control voltage 2
3
VC1
DC control voltage 1
7
VC3
DC control voltage 3
4
RF1
RF path 1
8
RF3
RF path 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com