Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ff680 Datasheet(PDF) 65 Page - Epson Company

Part # ff680
Description  FF-680W Users Guide
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

ff680 Datasheet(HTML) 65 Page - Epson Company

Back Button ff680 Datasheet HTML 61Page - Epson Company ff680 Datasheet HTML 62Page - Epson Company ff680 Datasheet HTML 63Page - Epson Company ff680 Datasheet HTML 64Page - Epson Company ff680 Datasheet HTML 65Page - Epson Company ff680 Datasheet HTML 66Page - Epson Company ff680 Datasheet HTML 67Page - Epson Company ff680 Datasheet HTML 68Page - Epson Company ff680 Datasheet HTML 69Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
65
5.
Choose the software you want to launch when you start a scan using the
scan button.
Parent topic: Starting a Scan from a Scanner Button
Scanning Photos with Epson FastFoto
When you scan photos with the Epson FastFoto software, the program automatically saves your
scanned images in JPEG format on your computer in the folder you specify. You can select settings and
enhancements before you scan, if necessary.
Note: This guide contains instructions for the 2.0 version of the FastFoto software. If you have an earlier
version, you can download and install the latest software from the Epson support site or using the Epson
Software Updater utility.
Caution: Because of the speed at which photos are scanned, dust particles on your photos can cause
white lines to appear in scanned images, and in extreme cases can lightly scratch the protective finish on
your photos. For best results, wipe off the front and back of your photos before scanning and use the
included microfiber cloth to clean the scanner rollers after every 300 scans, or even before each
scanning session. See the link below for instructions on cleaning the rollers.
Note: If you are scanning a Polaroid or other instant photo, or a panoramic photo longer than 15.5
inches (393.8 mm), make sure you select the correct photo type under Scan Settings in the Settings
menu.
1.
Place your photos in the input tray.
2.
Do one of the following to start Epson FastFoto:
• Windows 10: Click
and select EPSON Software > Epson FastFoto.
• Windows 8.x: Navigate to the Apps screen and select Epson FastFoto.
• Windows (other versions): Click
or Start, and select All Programs or Programs. Select
EPSON Software > Epson FastFoto.
• Mac: Open the Applications folder and select Epson FastFoto.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com