Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ff680 Datasheet(PDF) 49 Page - Epson Company

Part # ff680
Description  FF-680W Users Guide
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

ff680 Datasheet(HTML) 49 Page - Epson Company

Back Button ff680 Datasheet HTML 45Page - Epson Company ff680 Datasheet HTML 46Page - Epson Company ff680 Datasheet HTML 47Page - Epson Company ff680 Datasheet HTML 48Page - Epson Company ff680 Datasheet HTML 49Page - Epson Company ff680 Datasheet HTML 50Page - Epson Company ff680 Datasheet HTML 51Page - Epson Company ff680 Datasheet HTML 52Page - Epson Company ff680 Datasheet HTML 53Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
49
Paper size
Paper weight
Paper type
Loading capacity
Letter (8.5 × 11 inches
[216 × 279 mm])
10 to 110 lb
(37 to 413
g/m²)
Plain paper
Fine paper
Recycled paper
10 lb (37 g/m²): 100 sheets
21 lb (80 g/m²): 80 sheets
110 lb (413 g/m²): 18 sheets
Loading capacity may vary
depending on the paper type.
A4 (8.3 × 11.7 inches
[210 × 297 mm])
Legal (8.5 × 14 inches
[216 × 356 mm])
A5 (5.8 × 8.2 inches
[148 × 210 mm])
A6 (4.1 × 5.8 inches
[105 × 148 mm])
B5 (7.2 × 10.1 inches
[182 × 257 mm])
B6 (5 × 7.2 inches
[128 × 182 mm])
A3 (11.7 × 16.5 inches
[297 × 420 mm]) (must use
carrier sheet)
B4 (13.9 × 9.84 inches
[353 × 250 mm]) (must use
carrier sheet)
Long paper up to 240 inches
(6096 mm)
Business cards
Up to 56 lb
(210 g/m²)
Paper business
cards
30 cards loaded horizontally
Receipts
• Receipts scanned at 300 dpi or less: up to 3.14 × 26 inches (79 ×
660 mm) at a width of 3.14 inches (79 mm) or less
• Receipts scanned at 300 dpi or less: up to 8.5 × 36 inches (215.9 ×
914.4 mm) at a width of 3.15 inches (80 mm) or more
Note: You can load documents of different sizes, up to this size: Letter (8.5 × 11 inches [216 × 279 mm]).
However, do not load different-sized large or thick documents, or valuable original documents or artwork.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com