Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5cs Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 5cs
Description  WIRE-WOUND CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

5cs Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  5cs Datasheet HTML 1Page - Delta Electronics, Inc. 5cs Datasheet HTML 2Page - Delta Electronics, Inc. 5cs Datasheet HTML 3Page - Delta Electronics, Inc. 5cs Datasheet HTML 4Page - Delta Electronics, Inc. 5cs Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WIRE-WOUND CHIP INDUCTOR
– CERAMIC / 0805 (2012)
0805CS Series Part Numbering
Part Numbering (Example)
( Ex. )
0805
C
S -
101
E
J
T
S
TERMINAL TYPE/MATERIAL.
T = TERMINAL ,CERAMIC CORE (SUBSTRATE)
F = FERRITE CORE (SUBSTRATE)
PACK/ FEATURE
S =EIA RS481 CLEAR TAPE & REEL
/STANDARD TYPE.
INDUCTANCE TOLERANCE
G=±2%, H=±3%, J =±5%, K=±10%, M=±20%
B=±0.1nH, C=±0.2nH, D=±0.5nH
SHAPE
E = FLAT TOP
SIZE
0402
1.0 * 0.5 mm
0603
1.6 * 0.8 mm
0805
2.0 * 1.2 mm
1008
2.5 * 2.0 mm
1206
3.2 * 1.6 mm
1210
3.2 * 2.5 mm
INDUCTANCE
- FIRST 2 DIGITS ARE SIGNIFICANT
- 3 DIGIT IS MULTIPLIER
PROFILE
S: STANDARD
T: LOW PROFILE
Q: HIGH Q
C: HIGH CURRENT
SHAPE
C : C SHAPE
H : H SHAPE


Similar Part No. - 5cs

ManufacturerPart #DatasheetDescription
logo
International Rectifier
5CS IRF-5CS Datasheet
54Kb / 4P
SCHOTTKY RECTIFIER
logo
Altera Corporation
5CSEA2 ALTERA-5CSEA2 Datasheet
1Mb / 74P
Cyclone V Device Handbook
5CSEA4 ALTERA-5CSEA4 Datasheet
1Mb / 74P
Cyclone V Device Handbook
5CSEA5 ALTERA-5CSEA5 Datasheet
1Mb / 74P
Cyclone V Device Handbook
5CSEA6 ALTERA-5CSEA6 Datasheet
1Mb / 74P
Cyclone V Device Handbook
More results

Similar Description - 5cs

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
Wire Wound Chip Inductor
logo
Murata Manufacturing Co...
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
Wire Wound Chip Inductor
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
WIRE-WOUND CHIP INDUCTOR – CERAMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com