Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5cs Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 5cs
Description  WIRE-WOUND CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

5cs Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  5cs Datasheet HTML 1Page - Delta Electronics, Inc. 5cs Datasheet HTML 2Page - Delta Electronics, Inc. 5cs Datasheet HTML 3Page - Delta Electronics, Inc. 5cs Datasheet HTML 4Page - Delta Electronics, Inc. 5cs Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WIRE-WOUND CHIP INDUCTOR
– CERAMIC / 0805 (2012)
0805CS Series (2.7 ~ 4700nH)
Part
Number
Inductance
nH
Percent
Tolerance
Q
Min
SRF Min
MHz
RDC Max
Ohms
IDC Max
mA
0805CS-222E_TS
2200.0 @ 7.9MHz
10,5,2
16 @ 7.9MHz
60
2.70
160
0805CS-272E_TS
2700.0 @ 7.9MHz
10,5,2
16 @ 7.9MHz
50
3.10
150
0805CS-332E_TS
3300.0 @ 7.9MHz
10,5,2
15 @ 7.9MHz
40
4.40
90
0805CS-472E_TS
4700.0 @ 7.9MHz
10,5,2
15 @ 7.9MHz
40
6.40
90
Working Temperature Range : -40 °C ~ +125 °C
Shape & Dimension
B
K
D
H
C
A
B
C
D
Ref.
E
Ref.
F
G
H
I
J
K
Max.
Ref
Max
Ref
Max
Ref
inch
0.09
0.083
0.071
0.065
0.061
0.055
0.02
0.050
0.018
0.040
0.070
0.040
0.030
0.050
mm
2.29
2.10
1.80
1.65
1.55
1.40
0.51
1.27
0.44
1.02
1.78
1.02
0.76
1.27
Parts/Reel: 7” 2,000 PCS
Tape Width: 8mm
Terminal wraparound
Pad
Layout
Terminal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com