Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSW1 Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # PSSW1
Description  Monitor for 3-phase Type PSSW1 Phase asymmetry, Phase sequence, over- and undervoltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

PSSW1 Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  PSSW1 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
64
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Relays for 3-phase networks
type PSSW1 monitor 3-phase
networks for phase-sequence,
asymmetry and over- and un-
dervoltage.
Applications:Monitoringof 3-pha-
se-networks at heat pumps,
compressors or at machines at
building sites.
Functions:
Over-andundervoltage,adju-
stable ± 2-20 % (common)
Asymmetry adjustable
5-15%
Phase loss
Phase sequence
Switching delay adjustable
0,1-12 s (for voltage and
asymmetry)
Bifrequential measuring input
50/60 Hz
Displays:
4 LEDs for:
Over-/undervoltage
Asymmetry
Phase-sequence/loss
State of relay
Monitor for 3-phase Type PSSW1
Phase asymmetry, Phase sequence, over- and undervoltage
U
U over
U under
unbalance
U nom
L1,L3,L2
unbalance
0
1
0
1
0
1
0
1
0
1
LED Ph
LED Asy
LED <> U
rel / LED rel
Us
T1
T2
T2
T1 : < 0,5 s
T2 : 0,1 … 12 s
t
L1,L2,L3
T2
Technical Data
Rated supply voltage Us
Admissible tolerance Us
Output relay
Type of contact
Test conditions
Rated ambient temperature
range
Monitoring asymmetry
Hysteresis
Switching delay
Loss of voltage
Hysteresis
Switching delay
Under-/overvoltage
Switching point
Hysteresis
Switching delay
Dimensions (h x w x d)
Attachment
Protection housing / terminals
Weight
AC 230 V, alt. AC 400 V, 50/60 Hz, < 3 VA
±20%
1 change-over contact (co)
type 2 see "general technical informations"
see"general technical informations"
-20°C...+55°C
switching point adjustable 5...15 %
app. 2 %
adjustable 0,1...12 s
switching point app. 50 %
app. 5 %
0,1 s
measuring voltage 3 AC 400 V
adjustable ±2...20 % (common, symmetric)
app.1 %
adjustable 0,1-12 s
housing K: 75 x 22,5 x 110 mm
on 35 mm DIN-rail or with 2 screws M4 (option)
IP 40 / IP 20
160 g
Phase Monitoring Type PS - Phase Asymmetry - Phase Sequence
•
•
•
•
•
•
•
•
•
•
2015-09-18
PSSW1
Part numbers:
P222525
AC 230 V
P222526
AC/DC 400 V


Similar Part No. - PSSW1

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
9 - 25 A Switching Regulator
logo
Vishay Siliconix
PSS VISHAY-PSS Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
logo
Panasonic Battery Group
PSS PANASONICBATTERY-PSS Datasheet
60Kb / 1P
Lithium ion batteries
February 2010
logo
List of Unclassifed Man...
PSS-01-702 ETC1-PSS-01-702 Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Wall Industries,Inc.
PSS-100-10 WALL-PSS-100-10 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
More results

Similar Description - PSSW1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
Current and Voltage Controls 3-Phase Sequence and Phase Loss
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
Three-phase Asymmetry and Phase-sequence Phase-loss Relay
logo
PHOENIX CONTACT
2866077 PHOENIX-2866077 Datasheet
120Kb / 5P
Electronic monitoring relay for phase sequence, phase failure, and asymmetry monitoring
logo
ZIEHL industrie-elektro...
DRR20 ZIEHL-DRR20 Datasheet
262Kb / 1P
Phase sequence change Relay DRR20 with integrated monitoring of undervoltage and asymmetry
P222505 ZIEHL-P222505 Datasheet
262Kb / 1P
Phase asymmetry Relay Type PS2DK Monitoring of Phase-Asymmetry and Phase Sequence
SW31K ZIEHL-SW31K Datasheet
279Kb / 1P
Voltage Monitor for 3-Phase Networks Undervoltage
logo
Littelfuse
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com