Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951ACDM Datasheet(PDF) 1 Page - ON Semiconductor

Part # LP2951ACDM
Description  Micropower Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951ACDM Datasheet(HTML) 1 Page - ON Semiconductor

  LP2951ACDM Datasheet HTML 1Page - ON Semiconductor LP2951ACDM Datasheet HTML 2Page - ON Semiconductor LP2951ACDM Datasheet HTML 3Page - ON Semiconductor LP2951ACDM Datasheet HTML 4Page - ON Semiconductor LP2951ACDM Datasheet HTML 5Page - ON Semiconductor LP2951ACDM Datasheet HTML 6Page - ON Semiconductor LP2951ACDM Datasheet HTML 7Page - ON Semiconductor LP2951ACDM Datasheet HTML 8Page - ON Semiconductor LP2951ACDM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 1999
October, 1999 – Rev. 5
1
Publication Order Number:
LP2950/D
LP2950
Micropower Voltage
Regulators
The LP2950 and LP2951 are micropower voltage regulators that are
specifically designed to maintain proper regulation with an extremely
low input–to–output voltage differential. These devices feature a very
low quiescent bias current of 75
µA and are capable of supplying
output currents in excess of 100 mA. Internal current and thermal
limiting protection is provided.
The LP2951 has three additional features. The first is the Error
Output that can be used to signal external circuitry of an out of
regulation condition, or as a microprocessor power–on reset. The
second feature allows the output voltage to be preset to 5.0 V, 3.3 V or
3.0 V output (depending on the version) or programmed from 1.25 V
to 29 V. It consists of a pinned out resistor divider along with direct
access to the Error Amplifier feedback input. The third feature is a
Shutdown input that allows a logic level signal to turn–off or turn–on
the regulator output.
Due to the low input–to–output voltage differential and bias current
specifications, these devices are ideally suited for battery powered
computer, consumer, and industrial equipment where an extension of
useful battery life is desirable. The LP2950 is available in the three
pin case 29 and DPAK packages, and the LP2951 is available in the
eight pin dual–in–line, SO–8 and Micro–8 surface mount packages.
The ‘A’ suffix devices feature an initial output voltage tolerance
±0.5%.
LP2950 and LP2951 Features:
• Low Quiescent Bias Current of 75 µA
• Low Input–to–Output Voltage Differential of 50 mV at 100 µA and
380 mV at 100 mA
• 5.0 V, 3.3 V or 3.0 V ±0.5% Allows Use as a Regulator or Reference
• Extremely Tight Line and Load Regulation
• Requires Only a 1.0 µF Output Capacitor for Stability
• Internal Current and Thermal Limiting
LP2951 Additional Features:
• Error Output Signals an Out of Regulation Condition
• Output Programmable from 1.25 V to 29 V
• Logic Level Shutdown Input
(See Following Page for Device Information.)
TO–92
Z SUFFIX
CASE 29
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
2
3
1
Pin: 1. Output
2. Ground
3. Input
DPAK
DT SUFFIX
CASE 369A
3
1
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
12
3
(Top View)
Pin: 1. Input
2. Ground
3. Output
8
1
8
1
8
1
PIN CONNECTIONS
18
7
6
5
2
3
4
(Top View)
Output
Sense
Shutdown
Input
Feedback
Error Output
VO Tap
Gnd
SO–8
D SUFFIX
CASE 751
N SUFFIX
CASE 626
Micro–8
DM SUFFIX
CASE 846A


Similar Part No. - LP2951ACDM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2951ACDM ONSEMI-LP2951ACDM Datasheet
253Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM ONSEMI-LP2951ACDM Datasheet
253Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM ONSEMI-LP2951ACDM Datasheet
253Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM ONSEMI-LP2951ACDM Datasheet
253Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-3.0 ONSEMI-LP2951ACDM-3.0 Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2951ACDM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
Dual Micropower Low-Dropout Voltage Regulators
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com