Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951ACDM Datasheet(PDF) 10 Page - ON Semiconductor

Part # LP2951ACDM
Description  Micropower Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951ACDM Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LP2951ACDM Datasheet HTML 6Page - ON Semiconductor LP2951ACDM Datasheet HTML 7Page - ON Semiconductor LP2951ACDM Datasheet HTML 8Page - ON Semiconductor LP2951ACDM Datasheet HTML 9Page - ON Semiconductor LP2951ACDM Datasheet HTML 10Page - ON Semiconductor LP2951ACDM Datasheet HTML 11Page - ON Semiconductor LP2951ACDM Datasheet HTML 12Page - ON Semiconductor LP2951ACDM Datasheet HTML 13Page - ON Semiconductor LP2951ACDM Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LP2950
http://onsemi.com
10
TYPICAL APPLICATIONS
Figure 18. Lithium Ion Battery Cell Charger
1N4001
Gnd
4.2 V
± 0.025 V
NC
NC
50 k
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
0.1
µF
NC
LP2951CN
2.2
µF
330 pF
806 k
1.0%
2.0 M
1.0%
Lithium Ion
Rechargeable
Cell
Unregulated Input
6.0 to 10 Vdc
Figure 19. Low Drift Current Sink
Error
Output
Shutdown
Input
+V = 2.0 to 30 V
1.0
µF
R
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
0.1
µF
Load
IL = 1.23/R
IL
Figure 20. Latch Off When Error Flag Occurs
Reset
+Vin
Vout
1.0
µF
NC
NC
R2
R1
470 k
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
470 k
Error flag occurs when Vin is too low to
maintain Vout, or if Vout is reduced by
excessive load current.
Normally
Closed
2N3906
Figure 21. 5.0 V Regulator with 2.5 V Sleep Function
*Sleep
Input
+Vin
Vout
3.3
µF
NC
NC
100 k
100 k
470 k
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
200 k
100 pF
2N3906
47 k
CMOS
Gate
Error
Output
Shutdown
Input
LP2951CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com