Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP1608071TPT Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608071TPT
Description  For 1710 ~ 1880 MHz & 2500 ~ 2690 MHz Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608071TPT Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608071TPT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_RFDIP1608070TPT_V01
Mar. 2016
FEATURES
1.
Miniature footprint: 1.6 X 0.8X 0.7 mm
3
2.
Low Insertion Loss
3.
LTCC process
APPLICATIONS
1.
1710 ~ 1880 MHz and 2500 ~ 2690 MHz working frequency
CONSTRUCTION
DIMENSIONS
Figure
Symbol
Dimension (mm)
L
1.60 ± 0.15
W
0.80 ± 0.15
T
0.70 ± 0.10
A
0.25 ± 0.15
B
0.35 ± 0.15
C
0.22 ± 0.15
D
0.225 ± 0.15
E
0.22 ± 0.15
F
0.065 ± 0.065
G
0.25 ± 0.15
H
0.32 ± 0.15
PIN
Connection
PIN
Connection
1
GND
4
Higher Freq.
Port
2
Common Port
5
GND
3
GND
6
Lower Freq. Port
Top view
P4
P5
P6
P1
P2
P3
Top view
Bottom view
Side view
Side view



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com