Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP1608071TPT Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608071TPT
Description  For 1710 ~ 1880 MHz & 2500 ~ 2690 MHz Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608071TPT Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608071TPT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_RFDIP1608070TPT_V01
Mar. 2016
ELECTRICAL CHARACTERISTICS
RFDIP1608070TPT
Specification
Frequency range
1710 ~ 1880 MHz
2500 ~ 2690 MHz
Insertion Loss
0.75 dB max. ( 0.59dB typ. )
at +25°C
0.75 dB max. ( 0.58dB typ. )
at +25°C
Insertion Loss
0.85 dB max. at -40°C ~ +85°C
0.85 dB max. at -40°C ~ +85°C
Attenuation
15 dB min. (17.0 dB typ.) @ 2500 ~
2690 MHz
15 dB min. (15.7 dB typ.) @ 1710 ~
1880 MHz
Isolation
15 dB min. (16.2 dB typ.) @ 1710 ~ 1880 MHz
15 dB min. (17.2 dB typ.) @ 2500 ~ 2690 MHz
VSWR
2.0 max. (1.41 typ.)
2.0 max. (1.32 typ.)
Impedance
50Ω
Operation Temperature Range
-40
oC ~ +85oC
Moisture sensitivity levels
LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)
Typical Electrical Chart
SOLDER LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com