Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP2012080GHT Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2012080GHT
Description  829 MHz & 2.2 GHz Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2012080GHT Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2012080GHT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Approval sheet
Page 6 of 7
ASC_RFDIP2012080GHT_V01
Oct. 2016
SOLDERING CONDITION
Typical examples of soldering processes that provide reliable joints without any damage are given in Fig 2,
Fig 2. Infrared soldering profile
ORDERING CODE
RF
DIP
201208
0
G
H
T
Walsin
RF
device
Product
Code
DIP :
Diplexer
Dimension code
Per 2 digits of Length,
Width, Thickness :
e.g. :
201208 =
Length 20,
Width 12,
Thickness 08
Unit of
dimension
0 : 0.1 mm
1 : 1.0 mm
Application
G: GSM850/
PCS 1900
Specification
Design code
Packing
T : Reeled
Minimum Ordering Quantity: 2000 pcs per reel.
PACKAGING
Plastic Tape specifications (unit :mm)
Index
Ao
Bo
D
T
W
Dimension (mm)
1.42
 0.10
2.25
 0.10
1.55
 0.05
0.95
 0.10
8.0
 0.10
Index
E
F
Po
P1
P2
Dimension (mm)
1.75
 0.10
3.50
 0.05
4.00
 0.10
4.00
 0.10
2.00
 0.05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com