Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP2012080GHT Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2012080GHT
Description  829 MHz & 2.2 GHz Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2012080GHT Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2012080GHT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012080GHT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Approval sheet
Page 7 of 7
ASC_RFDIP2012080GHT_V01
Oct. 2016
Reel dimensions
A
B
C
Taping Quantity:2
000 pieces per 7” reel
CAUTION OF HANDLING
Limitation of Applications
Please contact us before using our products for the applications listed below which require especially high reliability for
the prevention of defects, which might directly cause damage to the third party’s life, body or property.
(1)
Aircraft equipment
(2)
Aerospace equipment
(3)
Undersea equipment
(4)
Medical equipment
(5)
Disaster prevention / crime prevention equipment
(6)
Traffic signal equipment
(7)
Transportation equipment (vehicles, trains, ships, etc.)
(8)
Applications of similar complexity and /or reliability requirements to the applications listed in the above.
Storage condition
(1)
Products should be used in 6 months from the day of WALSIN outgoing inspection, which can be
confirmed.
(2)
Storage environment condition.
Products should be storage in the warehouse on the following conditions.
Temperature
: -10 to +40℃
Humidity
: 30 to 70% relative humidity
Don’t keep products in corrosive gases such as sulfur. Chlorine gas or acid or it may cause oxidization of
electrode, resulting in poor solderability.
Products should be storage on the palette for the prevention of the influence from humidity, dust and son on.
Products should be storage in the warehouse without heat shock, vibration, direct sunlight and so on.
Products should be storage under the airtight packaged condition.
Index
A
B
C
Dimension (mm)
Φ178.0
Φ60.0
Φ13.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com