Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919ETR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6919ETR
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919ETR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6919ETR Datasheet HTML 16Page - STMicroelectronics L6919ETR Datasheet HTML 17Page - STMicroelectronics L6919ETR Datasheet HTML 18Page - STMicroelectronics L6919ETR Datasheet HTML 19Page - STMicroelectronics L6919ETR Datasheet HTML 20Page - STMicroelectronics L6919ETR Datasheet HTML 21Page - STMicroelectronics L6919ETR Datasheet HTML 22Page - STMicroelectronics L6919ETR Datasheet HTML 23Page - STMicroelectronics L6919ETR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
L6919E
20/33
With further simplifications, it results:
Considering now that in the application of interest it can be assumed that Ro>>RL; ESR<<Ro and
RDROOP<<Ro, it results:
The ACM control loop gain is designed to obtain a high DC gain to minimize static error and cross the 0dB axes
with a constant -20dB/dec slope with the desired crossover frequency
ωT. Neglecting the effect of ZF(s), the
transfer function has one zero and two poles. Both the poles are fixed once the output filter is designed and the
zero is fixed by ESR and the Droop resistance.
To obtain the desired shape an RF-CF series network is considered for the ZF(s) implementation. A zero at
ωF=1/RFCF is then introduced together with an integrator. This integrator minimizes the static error while placing
the zero in correspondence with the L-C resonance a simple -20dB/dec shape of the gain is assured (See Figure
15). In fact, considering the usual value for the output filter, the LC resonance results to be at frequency lower
than the above reported zero.Compensation network can be simply designed placing
ωZ = ωLC and imposing
the cross-over frequency
ωT as desired obtaining:
Figure 15. ACM Control Loop Gain Block Diagram (left) and Bode Diagram (right)
LAYOUT GUIDELINES
Since the device manages control functions and high-current drivers, layout is one of the most important things
G
LOOP s
()
4
5
---
V
IN
V
OS C
∆
-------------------
Z
F s
()
Z
P s
() Z
L s
()
+
------------------------------------
Rs
Rg
--------
Z
P s
()
R
FB
---------------
+



⋅⋅
⋅
–
=
G
LOO P s
()
4
5
---
V
IN
V
OSC
∆
-------------------
Z
F s
()
R
FB
---------------
Ro
R
DROOP
+
Ro
R
L
2
-------
+
--------------------------------------
1s Co
R
DROOP//Ro
ESR
+
()
⋅
⋅
+
s
2
Co
L
2
---
s
L
2R o
⋅
---------------
Co ESR
Co
R
L
2
-------
⋅
+
⋅
+
1
+
⋅
+
⋅
⋅
----------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
⋅
–
=
G
LOO P s
()
4
5
---
V
IN
V
OSC
∆
-------------------
Z
F s
()
R
FB
---------------
1s Co
R
DROOP
ESR
+
()
⋅
⋅
+
s
2
Co
L
2
---
s
L
2Ro
⋅
---------------
Co ESR
Co
R
L
2
-------
⋅
+
⋅
+
1
+
⋅
+
⋅
⋅
----------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
–
=
R
F
R
FB
V
OSC
∆
⋅
V
IN
----------------------------------
5
4
---
ω
T
L
2R
DROOP
ESR
+
()
⋅
--------------------------------------------------------
⋅⋅
⋅
=
C
F
Co
L
2
---
⋅
R
F
--------------------
=
Rout
Cout
ESR
L/2
RFB
RF
CF
REF
PWM
IFB
VCOMP
VOUT
d
••••VIN
ZF
dB
ω
ω
T
ω
Z
ω
LC
GLOOP
ZF(s)
K
K
4
5
---
V
IN
V
osc
∆
---------------
1
R
FB
----------
⋅⋅
dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com