Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919ETR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6919ETR
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919ETR Datasheet(HTML) 5 Page - STMicroelectronics

  L6919ETR Datasheet HTML 1Page - STMicroelectronics L6919ETR Datasheet HTML 2Page - STMicroelectronics L6919ETR Datasheet HTML 3Page - STMicroelectronics L6919ETR Datasheet HTML 4Page - STMicroelectronics L6919ETR Datasheet HTML 5Page - STMicroelectronics L6919ETR Datasheet HTML 6Page - STMicroelectronics L6919ETR Datasheet HTML 7Page - STMicroelectronics L6919ETR Datasheet HTML 8Page - STMicroelectronics L6919ETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5/33
L6919E
Table 1. Voltage Identification (VID) Codes
The device automatically regulates 25mV higher than the Hammer specs avoiding the use of any external offset resistor
Reference Schematic
VID4
VID3
VID2
VID1
VID0
Output
Voltage (V)
VID4
VID3
VID2
VID1
VID0
Output
Voltage (V)
000
00
1.575
10
00
0
1.175
000
01
1.550
10
00
1
1.150
000
10
1.525
10
01
0
1.125
000
11
1.500
10
01
1
1.100
001
00
1.475
10
10
0
1.075
001
01
1.450
10
10
1
1.050
001
10
1.425
10
11
0
1.025
001
11
1.400
10
11
1
1.000
010
00
1.375
11
00
0
0.975
010
01
1.350
11
00
1
0.950
010
10
1.325
11
01
0
0.925
010
11
1.300
11
01
1
0.900
011
00
1.275
11
10
0
0.875
011
01
1.250
11
10
1
0.850
011
10
1.225
11
11
0
0.825
011
11
1.200
11
11
1
Shutdown
PGOOD
PGND
PGNDS2
ISEN2
LGATE2
VSEN
FB
PHASE2
UGATE2
BOOT2
VCC
COMP
SGND
OSC / INH
VID0
VID1
VID2
VID3
VID4
PGNDS1
ISEN1
LGATE1
PHASE1
UGATE1
BOOT1
VCCDR
6
24
25
26
27
16
15
2
5
4
3
1
13
14
22
21
20
18
19
7
28
23
10
9
8
11
12
FBR
FBG
17
RFB
RF
CF
Rg
Rg
LS2
HS2
L2
CIN
COUT
S1
S0
S3
S2
S4
Rg
LS1
L1
HS1
Vin
GNDin
PGOOD
L6919E
LOAD
Rg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com