Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9596 Datasheet(PDF) 1 Page - UMPCO, Inc.

Part # AS9596
Description  BRACKET, ANGLE, 90째, CADMIUM PLATED STEEL, UNSG41300, .190 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9596 Datasheet(HTML) 1 Page - UMPCO, Inc.

  AS9596 Datasheet HTML 1Page - UMPCO, Inc. AS9596 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY
CONFLICT
BETWEEN
THIS
DOCUMENT
AND
THE
CERTIFIED DRAWING, THE CERTIFIED DRAWING WILL TAKE
PRECEDENCE. IF THE DOCUMENT IS CONTROLLED BY ANY
OTHER SOURCE THAN UMPCO, THE CERTIFIED DRAWING MUST
BE PURCHASED THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
A
7/28/2011
AS9596
BRACKET, ANGLE, 90°, CADMIUM PLATED STEEL, UNSG41300, .190 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
Ø .210/.200
R .500
.205
.195
.500
A
B
90°
MARK PART
NUMBER AND
MANUFACTURER’S
IDENTIFICATION IAW
AS478 CLASS D
FIGURE 1 ANGLE BRACKET
DIRECTION OF GRAIN
SEE NOTE 6
.255
.245
.068
.056
R .125
R .500
Ø .210/.200
.205
.195
REQUIREMENTS:
1.
MATERIAL: STEEL IN ACCORDANCE WITH AMS 6350, HARDEN (OIL QUENCH) AND TEMPER TO
ROCKWELL 32-38 HRC PER ASTM E18.
2.
FINISH: CADMIUM PLATE IN ACCORDANCE WITH AMS 2400. DIMENSIONS SPECIFIED ARE
AFTER PLATING.
3.
REMOVE BURRS AND BREAK EDGES
4.
APPROXIMATE WEIGHT LB/100 = .877 (A+B) + .157.
5.
TOLERANCES UNLESS OTHERWISE SPECIFIED, TOLERANCES SHALL BE FOR LINEAR
DIMENSIONS ±.010, ANGULAR ±5°.
6.
GRAIN FLOW SHALL BE PARALLEL WITH ROLLING DIRECTION
7.
PART NUMBER: THE PART NUMBER SHALL CONSIST OF THE BASIC MS NUMBER FOLLOWED BY A
DASH NUMBER FROM TABLE 1.
EXAMPLE: MS9596-005
DASH NUMBER
BASIC MS NUMBER
MS9596-005 INDICATES – BRACKET, ANGLE, 90°, STEEL, .190 BOLT,
LENGTH A, .438, LENGTH B, .438.
NOTES:
1.
DIMENSIONS ARE IN INCHES.
WARNING:
THIS DOCUMENT INCLUDES CADMIUM AS A PLATING MATERIAL. THE USE OF CADMIUM HAS BEEN
RESTRICTED AND/OR BANNED FOR USE IN MANY COUNTRIES DUE TO ENVIRONMENTAL AND HEALTH
CONCERNS. THE USER SHOULD CONSULT WITH LOCAL OFFICIALS ON THE ENVIRONMENTAL AND HEALTH
REGULATIONS REGARDING ITS USE.
MS9596-XXX


Similar Part No. - AS9596

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
AS9593 UMPCO-AS9593 Datasheet
70Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .250 BOLT
AS9594 UMPCO-AS9594 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .312 BOLT
AS9595 UMPCO-AS9595 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
AS9597 UMPCO-AS9597 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED, STEEL, UNSG41300, .190 X .250 BOLT
More results

Similar Description - AS9596

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9228 UMPCO-AS9228 Datasheet
68Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
AS9230 UMPCO-AS9230 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .312 BOLT
AS9231 UMPCO-AS9231 Datasheet
69Kb / 1P
BRACKET-ANGLE 90째,.190 X .375 BOLT
AS9597 UMPCO-AS9597 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED, STEEL, UNSG41300, .190 X .250 BOLT
AS9598 UMPCO-AS9598 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED, ALLOY STEEL UNS G41300, .190 X .312 BOLT
AS9599 UMPCO-AS9599 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, ALLOY STEEL UNS G41300, CADMIUM PLATED .190 X .375 BOLT
MS9101 UMPCO-MS9101 Datasheet
70Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9102 UMPCO-MS9102 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9103 UMPCO-MS9103 Datasheet
72Kb / 1P
BRACKET-ANGLE 90째, .190 X .312 BOLT
MS9104 UMPCO-MS9104 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .375 BOLT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com