Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9596 Datasheet(PDF) 2 Page - UMPCO, Inc.

Part # AS9596
Description  BRACKET, ANGLE, 90째, CADMIUM PLATED STEEL, UNSG41300, .190 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9596 Datasheet(HTML) 2 Page - UMPCO, Inc.

  AS9596 Datasheet HTML 1Page - UMPCO, Inc. AS9596 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY
CONFLICT
BETWEEN
THIS
DOCUMENT
AND
THE
CERTIFIED DRAWING, THE CERTIFIED DRAWING WILL TAKE
PRECEDENCE. IF THE DOCUMENT IS CONTROLLED BY ANY
OTHER SOURCE THAN UMPCO, THE CERTIFIED DRAWING MUST
BE PURCHASED THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
A
7/28/2011
AS9596
BRACKET, ANGLE, 90°, CADMIUM PLATED STEEL, UNSG41300, .190 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
TABLE 1 – PART NUMBERS AND DIMENSIONS
B
.438
0.500
0.562
0.625
0.688
0.750
LENGTH
0.438
-005
0.500
-006
-046
0.562
-007
-047
-087
0.625
-008
-048
-088
-128
0.688
-009
-049
-089
-129
-169
0.750
-010
-050
-090
-130
-170
-210
0.812
-011
-051
-091
-131
-171
-211
0.875
-012
-052
-092
-132
-172
-212
0.938
-013
-053
-093
-133
-173
-213
1.000
-014
-054
-094
-134
-174
-214
1.062
-015
-055
-095
-135
-175
-215
1.125
-016
-056
-096
-136
-176
-216
1.188
-017
-057
-097
-137
-177
-217
1.250
-018
-058
-098
-138
-178
-218
1.312
-019
-059
-099
-139
-179
-219
1.375
-020
-060
-100
-140
-180
-220
1.438
-021
-061
-101
-141
-181
-221
1.500
-022
-062
-102
-142
-182
-222
1.562
-023
-063
-103
-143
-183
-223
1.625
-024
-064
-104
-144
-184
-224
1.688
-025
-065
-105
-145
-185
-225
1.750
-026
-066
-106
-146
-186
-226
1.875
-027
-067
-107
-147
-187
-227
B
.812
0.875
0.938
1.000
LENGTH
0.812
-251
0.875
-252
-292
0.938
-253
-293
-333
1.000
-254
-294
-334
-374
1.062
-255
-295
-335
-375
1.125
-256
-296
-336
-376
1.188
-257
-297
-337
-377
1.250
-258
-298
-338
-378
1.312
-259
-299
-339
-379
1.375
-260
-300
-340
-380
1.438
-261
-301
-341
-381
1.500
-262
-302
-342
-382
1.562
-263
-303
-343
-383
1.625
-264
-304
-344
-384
1.688
-265
-305
-345
-385
1.750
-266
-306
-346
-386
1.875
-267
-307
-347
-387
Dash Numbers
A - LENGTH
A - LENGTH
Dash Numbers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com