Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW32V Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # SW32V
Description  Universal voltage monitor SW32V Over- and undervoltage for DC-, AC- and 3AC voltages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

SW32V Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  SW32V Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG SW32V Datasheet HTML 2Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
72
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Voltage Monitoring Type SW
Universal voltage monitor SW32V
Over- and undervoltage for DC-, AC- and 3AC voltages
Description
The voltage relay SW32V is a
high-grade voltage monitor with
a wide measuring-range for mo-
nitoring DC-, AC- and 3-phase
voltages for over- and/or under-
voltage.
In3-phasepowernetworksphase-
symmetry and phase-sequence
can also be monitored.
The limits are set in Volts. Thus
thedevicecanbeusedatdifferent
nominal voltages.
The digital display shows the measured value as well
as it helps setting the limits, switching-delays and
switching functions.
Application:
As voltage monitor in equipment for generation or
ditribution of electric energy, especially in photovoltaic
plants and block heating stations,
Monitoring of voltage in machines and plants to protect
them from damage caused by failure or deviation of
voltage.
General:
monitoring of voltage in DC
networks DC 10…600 V
monitoring of voltage in AC
networks AC 15…480 V
monitoringofvoltagein3-pha-
se networks with/without
neutral 3AC 26…830 V
preset values for grid- and
plant protection acc. to BDEW
standard
Asymmetry (5…50%) and
phase-sequence-monitoring
selectable
measuring of True RMS
2 alarms / relays, each with 1
changeover-contact
setting of limits and hysteresis
in VOLT
simulation-function to test
settings
codelockagainstmanipulation
of settings
universal power supply
AC/DC 24-270 V
housing for DIN-rail-mount,
70 mm wide, height 55 mm
Display:
3 digit display for measured
values and settings
MIN/MAX-valuesofmeasured
voltages
4 LEDs for alarm
4 LEDs for displayed inputs
2 LEDs for states or relays
resolution <100V: 0,1V
Switching functions:
overvoltage with hysteresis, switching- and switch-
back time
undervoltagewith hysteresis,switching-and switch-
back time
asymmetry / phase-sequence
relay-function normally opened mode/normally
closed mode, reclosing lock
•
•
•
•
2016-02-22
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
L3
L2
L1
N
-
~
Us
DC
+
AC
~
N
L1
Us
A1
A2
SW32V
Spannungs-
relais
K1
K2
12 11 14 22 21 24
AC/DC 24...270 V
locked
Asym.
U
U
2 s
Down /
Min
Set /
Reset
Up /
Max
Err8
= limit error, high < low
Err9
= parameter error
EeEE/-EeE
= overrange
L1(+)
NC
N(-)
NC L2 NC L3
DC
max 600V
AC Lx/N max 480V
AC L/L max 830V
~/+
~/–
SW32V
Part number:
S222276


Similar Part No. - SW32V

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW32 ALPHAWIRE-SW32 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Xian Semipower Electron...
SW3205 SEMIPOWER-SW3205 Datasheet
696Kb / 7P
N-channel MOSFET
logo
ABC Taiwan Electronics ...
SW322510NJL ABC-SW322510NJL Datasheet
648Kb / 8P
WOUND CHIP INDUCTOR
SW322512NJL ABC-SW322512NJL Datasheet
648Kb / 8P
WOUND CHIP INDUCTOR
SW322515NJL ABC-SW322515NJL Datasheet
648Kb / 8P
WOUND CHIP INDUCTOR
More results

Similar Description - SW32V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
Window Comparator for Over- and Undervoltage Detection
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
logo
ZIEHL industrie-elektro...
MU2000K ZIEHL-MU2000K Datasheet
329Kb / 1P
Universal-Measuring-Transducer MU2000K AC and DC, Voltage and Current
PSSW1 ZIEHL-PSSW1 Datasheet
259Kb / 1P
Monitor for 3-phase Type PSSW1 Phase asymmetry, Phase sequence, over- and undervoltage
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com