Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW32V Datasheet(PDF) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # SW32V
Description  Universal voltage monitor SW32V Over- and undervoltage for DC-, AC- and 3AC voltages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

SW32V Datasheet(HTML) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

  SW32V Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG SW32V Datasheet HTML 2Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
73
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Voltage Monitoring Type SW
2
Power Supply
Relay-Output
Test Conditions
Measuring Input
Technical Data SW32V
Housing
AC/DC 24-270 V, 0/45...100 Hz, <5VA
DC: 20,4...297 V, AC: 20,4...297 V
2 change-over contacts
type 2 see "general technical informations"
DC 10...600 V
AC 26...830 V
AC 15...480 V
40...100 Hz
DC average over 50 ms
< 50 ms
>100V: 0,5% of value ± 1 Digit
<100V: 0,5% of value ± 5 Digit (res. 0,1V)
>100V: 0,8% of value ± 1Digit
<100V: 0,8% of value ± 5Digit (res. 0,1V)
>100V: 1,0% of value ± 1Digit
<100V: 1,0% of value ± 5Digit (res. 0,1V)
adjustable AC 1...99 V
5...50%
fest 1%
± 15% of set value
0,05...99,9 s
0...999 s
≤ 300 ms (+ switch-back delay)
EN 60255
6000 V
III
2
AC 690 V
100 %
-20 °C...+55 °C
EN 60 068-2-2 dry heat
EN 61 000-6-2
EN 61 000-6-4
V4
90 x 70 x 58 mm, mounting height 55 mm
IP 30
IP20
DIN-rail 35 mm or screws M4
app. 200 g
Rated supply voltage Us
Measuring voltage DC
Measuring voltage phase/phase
Measuring voltage phase/neu-
tral
Frequency
Measuring time DC
Measuring time AC
Measuring accuracy DC
Measuring accuracy AC with N
without N
Hysteresis
Range asymmetry
Hysteresis asymmetry
Error asymmetry
Switching delay
Switch-back delay
Time until ready after applying
Us
Rated impulse voltage
Overvoltage catagory
Pollution degree
Rated Insulation voltage
Operation time
Permissible ambient tempera-
ture
EMC - immunity
EMC - emission
Design
Dimensions (h x w x d)
Protection housing
Protection terminals
Attachment
Weight
2016-02-22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com