Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASMA Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # 2ASMA
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

2ASMA Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  2ASMA_V01 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 2ASMA_V01 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 2ASMA_V01 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCHOTTKY BARRIER RECTIFIERS
Trustworthy electronic circuit protection expert
1N5820~1N5822
www.yint.com.cn
Rev:19.3
2
Characteristics Curve
(TA=25℃ unless otherwise noted)
Figure 1 Typical Forward Characteristics
Figure 2 Forward Derating Curve
* Instantaneous Forward Current - Amper
Instantaneous Forward Voltage - Volts
* Average Forward Rectified Current
-
Amperes
versus
Ambient Temperature - °C
Figure 3 Junction Capacitance
Junction Capacitance - pF versus Reverse Voltage – Volts
●
I(AV) ……
Average Forward Rectified Current
●
IRM ……
Maximum Reverse Leakage Current
●
IRRM ……
Repetitive Peak Reverse Current
●
IRSM ……
Maximum Non-repetitive Reverse Peak Current
●
VFM ……
Maximum Forward Voltage
●
VFR ……
Forward Recovery Voltage
●
VRRM ……
Maximum Repetitive Peak Reverse Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com