Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASMA Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # 2ASMA
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

2ASMA Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  2ASMA_V01 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 2ASMA_V01 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 2ASMA_V01 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIERS
Trustworthy electronic circuit protection expert
1N5820~1N5822
www.yint.com.cn
Rev:19.3
1
2A/SMA Series
Electrical Characteristics
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
℃
Paramet
er
Symbol
Limits
Unit
Peak Repetitive Reverse Voltage
VR
1N5820
20
V
1N5821
30
V
1N5822
40
V
Mean rectifying current
IO
3.0
A
Peak forward surge current
IFSM
80
A
Junction temperature
Tj
125
℃
Storage temperature
Tstg
-40-125
℃
* Electrical Ratings @TA=25
℃
Parameter
Symbol
1N5820
1N5821
1N5822
Unit
Conditions
Forward voltage
VF
0.475
0.500
0.525
V
IF=3.0A
Maximum DC Reverse Current At
IR
2.0
2.0
2.0
mA
TJ = 25°C
Rated DC Blocking Voltage
20
20
20
mA
TJ = 100°C
Typical Junction Capacitance
CJ
200
200
200
pF
1.0MHz, VR=4.0V
Description
Schottky (Schottky) diode is also known as Schottky barrier Rectifiers
(SBR),) has been in the power supply industry for 25 years, it is a
low-power, ultra-high speed semiconductor devices, widely used in
switching power supplies, frequency converters, Driver circuit, such as
high frequency, low voltage, high current rectifier diode, continuous
current diode, protection diode, or microwave communication circuit
as rectifier diode, small signal detector diode
.
Features
●Compact package, easy to install
●Efficient overvoltage protection device
●Ultra-low forward pressure drop
●Ideal products for High Frequency Circuits
●Ultra-low leakage current
●Comply with relevant welding international standard MIL-STD-202


Similar Part No. - 2ASMA_V01

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
2ASMA YINT-2ASMA Datasheet
420Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 2ASMA_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com