Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMCSD3545M Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DMCSD3545M
Description  Rolling Dual-Screen TV/Monitor Cart - For Two 35" to 45" TVs and Monitors, Side-by-Side Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCSD3545M Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DMCSD3545M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCSD3545M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
UPC Code
037332239433
PHYSICAL
Mounting Location
Floor
Shipping Dimensions (hwd / in.)
62.00 x 20.00 x 14.00
Shipping Dimensions (hwd / cm)
157.48 x 50.80 x 35.56
Shipping Weight (lbs.)
87.30
Shipping Weight (kg)
39.60
Unit Dimensions (hwd / in.)
59.3 x 26.9 x 85
Unit Dimensions (hwd / cm)
150.6 x 68.33 x 215.9
Unit Weight (lbs.)
79.1
Unit Weight (kg)
35.88
Material of Construction
steel
Color
Black
VESA Pattern (mm)
200x200; 300x200; 300x300; 400x300; 400x400
Motion
Fixed
Minimum Screen Size (in.)
35
Maximum Screen Size (in.)
45
Minimum Screen Size (cm)
88.9
Maximum Screen Size (cm)
114.3
Number of Displays
2
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
No
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com