Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMCSD3545M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DMCSD3545M
Description  Rolling Dual-Screen TV/Monitor Cart - For Two 35" to 45" TVs and Monitors, Side-by-Side Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCSD3545M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DMCSD3545M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCSD3545M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Rolling Dual-Screen TV/Monitor Cart - For Two
35" to 45" TVs and Monitors, Side-by-Side
Mounting
MODEL NUMBER: DMCSD3545M
Dual-screen mobile TV cart supports side-by-side mounting of two flat-panel televisions or monitors.
Features
Bring the Message to Your AudienceThe DMCSD3545M combines a height-adjustable TV stand with
the convenience of a rolling cart. Mount two flat-panel televisions or monitors on this mobile TV cart and
bring your message to your audience in a classroom, lecture hall, office, conference room or other
location where audio/video resources are shared. This cart has a steel frame and accommodates most
flat-panel displays from 35 to 45 inches. Maximum weight supported is 88 lb. per display.
Effectively Share Audio/Video ResourcesFour sturdy swivel casters provide smooth rolling through
doorways and over thresholds, making it possible to share dual screens within a facility instead of
purchasing multiple setups. When not in use, the cart can be rolled into a secure area for storage. The
casters lock to keep the cart in position while at rest.
Easily Mount Two 35" to 45" Displays and Adjust the Viewing AngleThe columns telescope, so you
can adjust the viewing height of the displays from 50 to 62.5 inches above the floor. For hassle-free
display compatibility, this rolling TV cart supports the following VESA mounting hole patterns: 200 x 200,
300 x 200, 300 x 300, 400 x 200, 400 x 300 and 400 x 400. The display angle can be adjusted from +10°
to -10° for optimal viewing.
Conveniently Place Peripherals and Manage CablesThis cart has two height-adjustable shelves that
each support 11 lb. The upper shelf holds a webcam or small projector. The lower shelf holds a laptop or
other video source, such as a Blu-ray player. Add a clamp-on surge protector (sold separately) to the
lower shelf to protect devices from power surges and help prevent line noise interference. Cable
management openings in the columns allow you to route power and audio/video cords, reducing clutter for
a clean, professional look.
Highlights
Holds most flat-panel displays
from 35 to 45 in. and up to 88 lb.
q
Display height adjusts from 50
to 62.5 in. for best viewing
q
Locking swivel casters move
easily over thresholds
q
Adjustable shelves for a
webcam and a video source
support 11 lb. each
q
Cable management reduces
cord clutter
q
Applications
View video in a multipurpose
area where a permanent
installation is not practical
q
Move displays and a webcam
into a meeting room for web
conferencing
q
Create a temporary digital
signage display in an auditorium
q
Easily move displays and a
video source to a secure area
for storage
q
Package Includes
All DMCSD3545M components
(assembly required)
q
Assembly fasteners
q
Display mounting fasteners
q
Hex key
q
Wrench
q
Owner’s manual
q
OVERVIEW
1 / 2


Similar Part No. - DMCSD3545M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DMCS1732S TRIPPLITE-DMCS1732S Datasheet
158Kb / 3P
Mobile Workstation with Monitor Mount - For 17" to 32" Displays, Height Adjustable
DMCS3270XP TRIPPLITE-DMCS3270XP Datasheet
163Kb / 3P
Mobile Flat/Curved Panel Floor Stand - 32??to 70??TVs and Monitors
DMCS3770L TRIPPLITE-DMCS3770L Datasheet
162Kb / 3P
Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
DMCS60100XX TRIPPLITE-DMCS60100XX Datasheet
163Kb / 2P
Mobile Flat/Curved Panel Floor Stand - 60- 100 TVs and Monitors, Heavy-Duty
More results

Similar Description - DMCSD3545M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
Nov-1992
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
SMSC Corporation
EMC1702 SMSC-EMC1702 Datasheet
890Kb / 57P
High-Side Current-Sense and Dual 1째C Temperature Monitor
logo
Tripp Lite. All Rights ...
DWFPSC4570M TRIPPLITE-DWFPSC4570M Datasheet
167Kb / 3P
Heavy-Duty Fixed Security TV Wall Mount for 45-70 TVs & Monitors - Flat Screen, Portrait Mode
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
DWTPSC4555M TRIPPLITE-DWTPSC4555M Datasheet
168Kb / 3P
Heavy-Duty Tilt Security TV Wall Mount for 45-55 TVs & Monitors - Flat Screen, Portrait Mode
DMCVW4555X2 TRIPPLITE-DMCVW4555X2 Datasheet
162Kb / 2P
Mobile Dual-Screen Video Wall - For Two 45" to 55" TVs and Monitors, Heavy Duty
DMCVW4555X4 TRIPPLITE-DMCVW4555X4 Datasheet
170Kb / 2P
Mobile Quad-Screen Video Wall ??For Four 45" to 55" TVs and Monitors, Heavy Duty
WWSSRDSTC TRIPPLITE-WWSSRDSTC Datasheet
162Kb / 2P
Rolling Desk TV/Monitor Cart - Height Adjustable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com