Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2225B104F202CT Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # 2225B104F202CT
Description  Halogen Free & RoHS Compliance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

2225B104F202CT Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 2225B104F202CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 10
ASC_1825 2220 2225_025I_DS
May. 2019
APPENDIXES
◙ Constructions
◙ Tape & reel dimensions
Size
1825
2220
2225
Chip
Thickness
K(2.00)
M(2.50)
U(2.80)
K(2.00)
M(2.50)
U(2.80)
K(2.00)
M(2.50)
U(2.80)
A0
< 6.80
< 6.80
< 5.80
< 5.80
< 6.80
< 6.80
B0
< 5.30
< 5.30
< 6.50
< 6.50
< 6.50
< 6.50
T
0.30
+/-0.1
0.30
+/-0.1
0.30
+/-0.1
0.30
+/-0.1
0.30
+/-0.1
0.30
+/-0.1
K0
< 2.50
< 3.50
< 2.50
< 3.50
< 2.50
< 3.50
W
12.00
+/-0.30
12.00
+/-0.30
12.00
+/-0.30
12.00
+/-0.30
12.00
+/-0.30
12.00
+/-0.30
P0
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
10xP0
40.00
+/-0.20
40.00
+/-0.20
40.0
+/-0.20
40.0
+/-0.20
40.0
+/-0.20
40.0
+/-0.20
P1
8.00
+/-0.10
8.00
+/-0.10
8.00
+/-0.10
8.00
+/-0.10
8.00
+/-0.10
8.00
+/-0.10
P2
2.00
+/-0.10
2.00
+/-0.10
2.00
+/-0.10
2.00
+/-0.10
2.00
+/-0.10
2.00
+/-0.10
D0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
D1
1.50
+/-0.10
1.50
+/-0.10
1.50
+/-0.10
1.50
+/-0.10
1.50
+/-0.10
1.50
+/-0.10
E
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
F
5.50
+/-0.05
5.50
+/-0.05
5.50
+/-0.05
5.50
+/-0.05
5.50
+/-0.05
5.50
+/-0.05
Fig. 3 The dimension of plastic tape
Fig. 4 The dimension of reel
Size
1825, 2220, 2225
Reel size
7”
C
13.0+0.5/-0.2
W1
12.4+2.0/-0
A
178.0±1.0
N
60.0+1.0/-0
No.
Name
NPO
X7R
1
Ceramic material
CaZrO3 based
BaTiO3 based
2
Inner electrode
Ni
3
Termination
Inner layer
Cu
4
Middle layer
Ni
5
Outer layer
Sn
Fig. 2 The construction of MLCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com