Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2225B104F202CT Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # 2225B104F202CT
Description  Halogen Free & RoHS Compliance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

2225B104F202CT Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  2225B104F202CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 2 of 10
ASC_1825 2220 2225_025I_DS
May. 2019
1. HOW TO ORDER
2220
B
104
K
500
C
T
Size
Inch (mm)
1825 (4563)
2220 (5750)
2225 (5763)
Dielectric
N=NP0
B=X7R
Capacitance
Two significant
digits followed by
no. of zeros. And R
is in place of
decimal point.
eg.:
0R5=0.5pF
1R0=1.0pF
104=10x10
4
=100nF
Tolerance
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Rated voltage
Two significant digits
followed by no. of zeros.
And R is in place of
decimal point.
250= 25 VDC
500= 50 VDC
101= 100 VDC
251= 250 VDC
501= 500 VDC
631= 630 VDC
102= 1000 VDC
152= 1500 VDC
202= 2000 VDC
252= 2500 VDC
302= 3000 VDC
402= 4000 VDC
Termination
C=Cu/Ni/Sn
Packaging style
T=7” reeled
2. EXTERNAL DIMENSIONS
3. GENERAL ELECTRICAL DATA
Dielectric
NP0
X7R
Size
1825, 2220, 2225
Capacitance*
10pF to 0.1
µF
1000pF to 10uF
Capacitance tolerance
F (±1%), G (±2%), J (±5%), K (±10%)
J (±5%), K (±10%), M (±20%)
Rated voltage (WVDC)
25V, 50V, 100V, 200V, 250V, 500V, 630V, 1000V, 1500V, 2000V, 2500V, 3000V, 4000V
Tan
δ*
Cap<30pF: Q
≥400+20C
Cap
≥30pF: Q≥1000
≤2.5%
Operating temperature
-55 to +125°C
Capacitance characteristic
±30ppm
±15%
Termination
Ni/Sn (lead-free termination)
*Measured at 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient
temperature for NP0.
*Measured at 1.0±0.2Vrms, 1.0kHz±10% for C
≤10µF; 0.5±0.2Vrms, 120Hz±20% for C>10µF, 30~70% related humidity, 25°C ambient
temperature for X7R.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour, then leave in a mbient condition for 24±2 hours
before measurement.
T
W
L
MB
MB
Fig. 1 The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T(mm) (Symbol)
MB min (mm)
1825 (4563)
4.50±0.40
6.30±0.40
2.00±0.20 (K)
2.50±0.30 (M)
2.80±0.30 (U)
0.75±0.35
2220 (5750)
5.70±0.40
5.00±0.40
0.85±0.35
2225 (5763)
5.70±0.40
6.30±0.40
0.85±0.35
# Reflow soldering only is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com