Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45SD Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # 45SD
Description  45SD Series Bus Expansion Cards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

45SD Datasheet(HTML) 4 Page - Banner Engineering Corp.

  45SD Datasheet HTML 1Page - Banner Engineering Corp. 45SD Datasheet HTML 2Page - Banner Engineering Corp. 45SD Datasheet HTML 3Page - Banner Engineering Corp. 45SD Datasheet HTML 4Page - Banner Engineering Corp. 45SD Datasheet HTML 5Page - Banner Engineering Corp. 45SD Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9 Bus Diagnostics Register:
This is a 2 byte read only register. When an error occurs, the corresponding bit is set.
Byte 1
bit 0 ROM Checksum Error
bit 1 not used = 0
bit 2 Off-Bus error
bit 3 reserved = 0
bit 4 reserved = 0
bit 5 not used = 0
bit 6 not used = 0
bit 7 EEPROM Failure
Byte 2
bit 0 not used = 0
bit 1 not used = 0
bit 2 not used = 0
bit 3 reserved = 0
bit 4 reserved = 0
bit 5 not used = 0
bit 6 Low Gain Alarm
bit 7 not used = 0
10 Cyclical Timer:
Setting to a non zero value will enable unsolicited WRITE-ON or WRITE-OFF messages to be
transmitted with a real time interval equal to 10.24 ms times the set value. These messages will reflect the current state
of the input variable (attribute #18). This attribute is stored in non volatile memory.
11 Serial Number:
Unique number used to differentiate products prior to address assignment. The firm ware waits for a
random period of up to 10 ms before responding to a read of this attribute. This makes it possible to detect two nodes
with the same address.
12 Date Code:
ASCII string that identifies date of manufacture.
13 Catalog listing:
ASCII string = “Q45X, 45SD1”.
14 Vendor Name:
ASCII String = “Banner Engineering”.
15 Device Name:
ASCII String = “Photoelectric Sensor”.
18 Input Variable:
This reflects the state of the sensors output, 0 = Dark, 1 = Light. The logical state of this attribute
can be inverted by setting attribute 61, NO/NC. The state of this attribute may also be forced by using action 51, Force
State.
51 Direct Input State:
This is a single byte, 8 flags.
bit 0
Real time sense level, high when excess gain > 1
bit 1
Real time diagnostics signal, high when excess gain > 2.5 ( Sensor sees Light and Alarm is off)
bit 2-7
= 0, not used.
Possible values of Attribute 51 are:
51 = 0 Dark
51 = 1 Low Gain
51 = 3 Light
The NO/NC bit (attribute #60) does not affect this register.
56 Tag Name:
This is a read/write 24 character ASCII string. This attribute is stored in non volatile memory.
58 Diagnostic Count Limit:
Each time a low gain condition occurs, it is counted. When that count reaches the diagnos-
tic count limit, the dignostic register is updated and an event 0 is sent. Here are some possible values for the diagnostic
count limit:
0 = Low gain alarm disabled;
1 = Low gain bit set each time low gain condition occurs;
20 = Low gain bit is set after 20 low gain conditions.
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com