Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45SD Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # 45SD
Description  45SD Series Bus Expansion Cards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

45SD Datasheet(HTML) 3 Page - Banner Engineering Corp.

  45SD Datasheet HTML 1Page - Banner Engineering Corp. 45SD Datasheet HTML 2Page - Banner Engineering Corp. 45SD Datasheet HTML 3Page - Banner Engineering Corp. 45SD Datasheet HTML 4Page - Banner Engineering Corp. 45SD Datasheet HTML 5Page - Banner Engineering Corp. 45SD Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SDS Model Specification for 45SD1 Bus Card
The 45SD card conforms to the following SDS model:
Level 4 Binary Input, 1.1.1.5
ATTRIBUTES
Attribute Description
R/W
Data Type Size
Count Default value
0
Network Data Descriptor R
Uns.
Byte
6
18,1,0,0,0,0
1
Baud Rate
R
Uns.
Byte
1
0
2
Object Type
R
Uns.
Byte
4
1,1,1,5
3
Partner ID
R
Uns.
Word 1
50
4
Device Address
R
Uns.
Byte
1
125
6
Unsolicited Mode Enable R/W
Bool.
Und
1
1
7
Software Version
R
Char.
Und
11
38741 - X.X
8
Diagnostic Error Counter. R
Uns.
Byte
1
9
Diagnostic Register
R/W
Uns.
Byte
2
10
Cyclic Timer
R/W
Uns.
Byte
1
0
11
Serial Number
R
Uns.
Long
1
XX...X
12
Date Code
R
Char.
Und
4
MMYY
13
Catalog Listing
R
Char.
Und
24
45SD1, Q45X
14
Partner Name
R
Char.
Und
24
“Banner Engineering”
15
Component Name
R
Char.
Und
24
“Photoelectric Sensor”
18
Input Data
R
Bool.
Und
1
-
51
Direct Input State
R
Uns.
Byte
1
-
56
Tag Name
R/W
Char.
Und
24
Blank
58
Diagnostic Count Limit R/W
Uns.
Byte
1
1
61
Configuration Register R/W
Uns.
Byte
1
0
0 I/O Type:
18,1,0,0,0,0 These six bytes indicate that this is a single point binary input with the input variable at
Attribute #18.
1 Baud Rate:
Always returns 0. This indicates that this device automatically determines the correct baud rate for
comunication.
2 Device Type:
Indicates type of device in terms of the SDS protocol.
This is presented as 4 X 8 bit words: 01,01,01, 05 hex.
3 Vendor Identification Number:
50 decimal.
4 Device Address
: This variable indicates the devices network address 0-125. It is the logical SDS address - 1. If the
SDS address of this device is 1 this attribute will be 0. Default value is 125 decimal. This attribute is stored in non
volatile memory.
6 Unsolicited Mode Enable:
Setting this bit allows the device to send I/O event driven messages. These event messages
include: COS ON, COS OFF, WRITE ON, WRITE OFF. If this bit is cleared then only the error event (event 0) is
generated, all other events will be disabled. This attribute is stored in non volatile memory.
7 Software version Number:
ASCII character string “38741-X.X”
8 Diagnostic Error Counter:
The Diagnostic Error counter indicates the number of errors flags that are currently set in
attribute # 9. The possible values of this counter are 0,1,2,3 or 4.
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com