Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPFPG Datasheet(PDF) 11 Page - Banner Engineering Corp.

Part # D10DPFPG
Description  D10 Expert?™? Dual Discrete Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPFPG Datasheet(HTML) 11 Page - Banner Engineering Corp.

Back Button D10DPFPG Datasheet HTML 7Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 8Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 9Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 10Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 11Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 12Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 13Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 14Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 15Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1. Access SETUP Mode.
Method
Action
Result
Push Button18
Press and hold both buttons concurrently for > 2
seconds.
The indicator arrow icon 1 is ON red.
Remote Input19
Double-pulse the remote line.
T
T
T
2. Select Light/Dark Operate.
Method
Action
Result
Push Button
a. Click Dynamic (+) to toggle between selections.
b. Click Static (-) to save selection and advance to
"OFF-Delay."
Light Operate
•
Display flashes "lo"
•
L icon
Dark Operate
•
Display flashes "do"
•
D icon
Remote Input
a. Double-pulse remote line to toggle between
selections.
b. Single-pulse remote line to save selection and
advance to "OFF-Delay."
T
T
T
T
3. Select OFF-Delay Timing Enable.
Method
Action
Result
Push Button
a. Click Dynamic (+) to toggle between selections.
b. Click Static (-) to save selection and advance to
"Display."
Off (No OFF-Delay)
•
"t 0"
•
Clock icon OFF
2 to 100 ms OFF-Delay
•
“t 2,” “t 5,” “t 10,” “t 15,” “t
20,” “t 30,” “t 40,” “t 60,” “t
80,” or “t100”
•
Clock icon ON
Remote Input
a. Double-pulse remote line to toggle between
selections.
b. Single-pulse remote line to save selection and
advance to "Display."
T
T
T
T
4. Select Display Parameters.
Method
Action
Result
Push Button
a. Click Dynamic (+) to toggle between selections.
b. Click Static (-) to save selection and advance to
"Power/Speed."
Raw Signal Value
"1234"
Percent of excess signal
"123P"
Remote Input
a. Double-pulse remote line to toggle between
selections.
b. Single-pulse remote line to save selection and
advance to "Power/Speed."
T
T
T
T
5. Select Speed and Power Combination.
18 0.04 seconds ≤ "Click" ≤ 0.8 seconds
19 0.04 seconds ≤ T ≤ 0.8 seconds
D10 Expert™– Dual Discrete Outputs
P/N 64154 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com