Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPFPG Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # D10DPFPG
Description  D10 Expert?™? Dual Discrete Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPFPG Datasheet(HTML) 2 Page - Banner Engineering Corp.

  D10DPFPG Datasheet HTML 1Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 2Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 3Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 4Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 5Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 6Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 7Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 8Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Overview
The D10 Expert Sensor is a high-performance plastic fiber-optic sensor whose
many configuration (TEACH-mode) options make it suitable for demanding
applications. Even with all its features, it is extremely easy to use. Advanced
16-bit microcontroller technology makes this possible.
The D10 Expert provides high-performance sensing in low-contrast
applications. Expert TEACH and setup options provide static, dynamic and
single-point programming plus manual fine adjustment, remote programming
and push button lockout. Its slender, stylized housing has a large digital display
visible beneath a clear cover for easy programming and status monitoring
during operation. The sensor mounts directly to standard 35 mm DIN rail or
using the supplied mounting bracket.
The sensor features two outputs with independent setpoints: either NPN or
PNP, depending on model. Built-in crosstalk avoidance protocol provides
trouble-free operation for multiple sensors in one area.
For emitter and receiver port locations, see Installation on page 3.
dynamic
static
Output
Indicators
Output Select
Indicators
4-Digit
Display
Light/Dark
Operate, Clock
and Lock Icons
Programming
Push Buttons
Figure 1. D10 Features
Programming Options
Light/Dark Operate
Selection
Toggle to select the condition for which each output will conduct: when the target is present or when the target is absent.
OFF-Delay Timing Selection
Programmable OFF-delay pulse stretcher: 0, 2, 5, 10, 15, 20, 30, 40, 60, 80, or 100 ms
Display Selection
Discrete Output: Raw signal value or % excess signal
Power Level/Speed
Selection
Super High-Speed (SHS)3
High-Speed (HS)
High-Power (HP)
Super High-Power (SHP)
Response4
50 μs
200 μs
1 ms
2.5 ms
Repeatability
25 μs
50 μs
75 μs
100 μs
Max Range4
Fiber
Red 680 nm
Green 525
nm
Red 680 nm
Green 525
nm
Red 680 nm
Green 525
nm
Red 680 nm
Green 525
nm
PIT16U
20 mm
9 mm
30 mm
9 mm
55 mm
13 mm
90 mm
16 mm
PIT26U
100 mm
40 mm
150 mm
40 mm
250 mm
55 mm
400 mm
70 mm
PIT46U
300 mm
100 mm
550 mm
100 mm
1000 mm
160 mm
1200 mm
180 mm
PIT66U
600 mm
180 mm
1000 mm
180 mm
1700 mm
280 mm
2400 mm
320 mm
PBT16U
6 mm
5
10 mm
5
18 mm
3 mm
30 mm
3.5 mm
PBT26U
30 mm
12 mm
50 mm
12 mm
100 mm
20 mm
150 mm
25 mm
PBT46U
100 mm
30 mm
175 mm
30 mm
250 mm
42 mm
300 mm
60 mm
PBT66U
175 mm
55 mm
250 mm
55 mm
400 mm
80 mm
475 mm
100 mm
Tracking Feature
Sets Output 2 to identical settings as Output 1; Output 2 settings can then be revised as desired (see Advanced Setup on page 12).
Factory Default Settings
The following settings are preset at the factory; revert sensor to factory defaults using Advanced Setup procedure (see Advanced Setup on
page 12).
•
Light operate (LO)
•
No OFF-delay (t 0)
•
Raw signal value (1234)
•
Output 1 displayed
•
High Speed (HS); 200 μs
response
•
Maximum power setting
•
Discrete: switchpoint positioned
at middle of range
3 See the Super High-Speed note under Sensor Setup.
4 Diffuse mode performance based on 90% reflectance white test card.
5 ø0.010-inch bifurcated fiber not recommended in these speed settings. Contact Banner Engineering for more information.
D10 Expert™– Dual Discrete Outputs
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 64154 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com