Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSSA38G Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSSA38G
Description  Shielded SMD Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSSA38G Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WLSSA38G Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
ASC_WLSSA38G Series_V2.0
Nov. Y2017
RELIABILITY PERFORMANCE
Reliability Experiment For Electrical
Test Item
Test Condition
Standard Source
Humidity Test
+40℃
℃
℃
℃± 2℃
℃
℃
℃, humidity of 90% ± 5% (total 96 hours).
MIL-STD-202G
Method 103B
Test Condition B
High Temperature
Test
1.Temperature: +125℃
℃
℃
℃±2℃
℃
℃
℃
2.Test time: 48±2hrs
IEC 68-2
Test Condition B
Low Temperature
Test
1.Temperature: -40℃
℃
℃
℃±2℃
℃
℃
℃
2.Test time: 48±2hrs
IEC 68-2
Test Condition A
Thermal Shock
+125℃
℃
℃
℃±5℃
℃
℃
℃ (30 minutes) ~ -40 ± 5℃
℃
℃
℃ (30 minutes),
temperature switch time: 5 minutes (total 50 cycles).
MIL-STD-202G
Method 107G
Test Condition B-
2
Life Test
+70℃
℃
℃
℃±5℃
℃
℃
℃ ((((250Hours)
MIL-STD-202G
Method 108A
Test Condition B
Reliability Experiment For Physical
Test Item
Test Condition
Standard Source
Vibration Test
10-55-10HZ, amplitude: 1.5mm, direction: X, Y, Z axes,
each axis 2 hours (total 6 hours).
MIL-STD-202G
Method 201A
Solder Heat
Resistance Test
IR/convection reflow:Peak Temp 250±5℃
℃
℃
℃ for 5Sec in air,
Through 2 Cycle. Temperature
Ramp:+1~4°C/sec; Above1 83°C, must keep 90 s - 120 s
MIL-STD-202G
Method 210F
Test Condition
(Reflow)
Solder Ability Test
Soak in 245 ℃
℃
℃
℃ solder pot of 3Sec, PAD must have 95%
above coverage.
J-STD-003B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com