Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSSA38G Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSSA38G
Description  Shielded SMD Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSSA38G Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WLSSA38G Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSSA38G Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
ASC_WLSSA38G Series_V2.0
Nov. Y2017
Electrical Characteristics
WLSSA38G Series
Marking
L (uH)
Inductance
Tolerance
Test
Freq
(KHz)
DCR
(m )
MAX.
I sat
(A)
Rated
Current
(A)
WLSSA38GZ0N1R5LB
1R5
1.5
±30%
100
8.1
10.0
6.50
WLSSA38GZ0N2R5LB
2R5
2.5
±30%
100
10.5
7.50
6.10
WLSSA38GZ0N3R8LB
3R8
3.8
±30%
100
13.0
6.00
5.50
WLSSA38GZ0N5R2LB
5R2
5.2
±30%
100
22
5.50
5.40
WLSSA38GZ0N6R8LB
6R8
6.8
±30%
100
25
4.80
4.50
WLSSA38GZ0N7R0LB
7R0
7.0
±30%
100
27
4.80
4.50
WLSSA38GZ0N100LB
100
10
±30%
100
35
4.40
3.80
WLSSA38GZ0N150LB
150
15
±30%
100
50
3.60
3.10
WLSSA38GZ0N220LB
220
22
±30%
100
73
2.90
2.50
WLSSA38GZ0N330LB
330
33
±30%
100
93
2.30
2.20
WLSSA38GZ0N470LB
470
47
±30%
100
128
2.10
1.90
WLSSA38GZ0N680LB
680
68
±30%
100
213
1.50
1.42
WLSSA38GZ0N101LB
101
100
±30%
100
304
1.35
1.25
WLSSA38GZ0N151LB
151
150
±30%
100
506
1.15
0.85
WLSSA38GZ0N221LB
221
220
±30%
100
756
0.92
0.70
WLSSA38GZ0N331LB
331
330
±30%
100
1090
0.70
0.52
a. Tolerance:
:
:
:N:
:
:
:±30%
b. Operating Temp:
:
:
:-25℃
℃
℃
℃ to +105℃
℃
℃
℃.
c. Inductance measured using the HP4284A LCR meter,CHROMA1320 & 3302 & 16502.
d. DCR measured using the 502BC milli-ohm meter.
e. Inductance drops no more than 35% of initial value at Isat ,temperature rises △
△
△
△t< 30℃
℃
℃
℃
at rated current.
f. MSL:
:
:
:LEVEL 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com