Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40AA Datasheet(PDF) 1 Page - Texas Instruments

Part # 40AA
Description  40/41/42AA Series ELECTRONIC MOTOR PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

40AA Datasheet(HTML) 1 Page - Texas Instruments

  40AA Datasheet HTML 1Page - Texas Instruments 40AA Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The 40AA, 41AA, and 42AA series
electronic motor protection modules
combine high performance and function
consolidation in order to provide reliable,
cost effective protection for your motor
needs. Used with Positive Temperature
Coefficient (PTC) sensors the
40/41/42AA modules protect against
locked rotor conditions, running overload
and high ambient temperature. The
innovative design offers additional
functions as well, such as minimum off
time delay, low voltage cutout and
bearing temperature protection. Also the
device is very safe and easy to calibrate
for voltage (no jumper is required).
Thermal protection is achieved by
monitoring the temperature of the motor
windings with PTC sensors. These
sensors can be the Klixon BA series or
any other compatible PTC sensor rated
Mark A or B. If the windings exceed the
rated trip temperature the sensor
undergoes a rapid change in resistance
relative to the change in temperature. As
a result of this change, the 40/41/42AA
modules' internal relays de-energize the
control coil of the external line break
contactor.
As the motor cools and acceptable motor
winding temperatures have been restored
the sensor resistance decreases to the
reset level. At this point the module will
reset itself automatically unless it was
set up for manual reset. In this case the
user is required to remove power from
the system for a minimum of 5 seconds.
The 40/41/42AA series modules are
Product Overview
ideal for many applications in the
HVAC/R industry as well as for industrial
systems. Some applications include
global commercial rooftop A/C, global
chiller applications, industrial pumps,
material handlers, elevators, escalators,
air compressors and industrial systems.
Product Specifications
General Specifications
Units
Min.
Typical
Maximum
None
None
None
None
Yes
Yes
Yes
None
None
Yes
Yes
None
None
None
None
Automatic
Automatic
Automatic
Manual
Automatic
Automatic
Automatic
Manual
Automatic
Automatic
Manual
Automatic
Automatic
Automatic
Automatic
Number
Channels
Line
Voltage
Sensor
Type
Time
Delay
Low
Voltage
Auto/Man
Reset
40AA110E
40AA115E
41AA1105A
41AA1500E
41AA1600A
41AA1600E
41AA1606E
42AA100E
40AA100E
40AA300E
41AA1504E
40AA200E
40AA100A
40AA200A
40AA102A
1
1
3
3
3
3
3
1
1
1
3
1
1
1
1
120/240
120/240
24
120/240
24V
120/240
120/240
120/240
120/240
120/240
120/240
120/240
24V
24V
24V
Mark A
Mark A
Mark B
Mark B
Mark B
Mark B
Mark B
Mark B
Mark B
Mark B
Mark B
Mark B
Mark B
Mark B
Mark B
None
5 min.
4 min.
None
2 min.
2 min.
4 min.
None
None
4 min.
None
4min.
None
4 min.
None
Sensors/
Channels
3
3
1
1
1
1
1
3
3
3
1
3
3
3
2
Printed in U.S.A. 11/2003
Operating Temperature Range
Supply Voltage
24 or 115-230 (
±15%)
Rated Line Frequency
Low Voltage Cut-Out Trip (24V Input)
Low Voltage Cut-In Reset
Low Voltage Cut-Out Trip (120V Input)
Low Voltage Cut-In Reset
Low Voltage Cut-Out Trip (240V Input)
Low Voltage Cut-In Reset
Max.
oC
VAC
Hz
VAC
VAC
VAC
VAC
VAC
VAC
-40
45
15
79.5
160
50/60
16
85
170
+70
62
17
18
90.5
94.5
180
184
40/41/42AA Series
ELECTRONIC
MOTOR PROTECTION


Similar Part No. - 40AA

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
40A YANGJIE-40A Datasheet
265Kb / 2P
SILICON RECTIFERS
40A1000V YANGJIE-40A1000V Datasheet
265Kb / 2P
SILICON RECTIFERS
40A100V YANGJIE-40A100V Datasheet
265Kb / 2P
SILICON RECTIFERS
40A200V YANGJIE-40A200V Datasheet
265Kb / 2P
SILICON RECTIFERS
40A400V YANGJIE-40A400V Datasheet
265Kb / 2P
SILICON RECTIFERS
More results

Similar Description - 40AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59100M1060A070 EPCOS-B59100M1060A070 Datasheet
79Kb / 4P
Motor Protection, Single Sensors
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
DO-41
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
MagLev Motor AC Fan 40-41 CFM
logo
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
ELECTRONIC PROTECTION ARRAY FOR ESD
logo
Littelfuse
MP8000 LITTELFUSE-MP8000 Datasheet
657Kb / 2P
The MP8000 are advanced motor protection electronic overload relays
logo
PHOENIX CONTACT
2963556 PHOENIX-2963556 Datasheet
124Kb / 6P
Electronic Motor Management
102145 PHOENIX-102145 Datasheet
125Kb / 6P
Electronic Motor Management
logo
GREEGOO Electric Co.,Lt...
E3VU13 GREEGOO-E3VU13 Datasheet
1Mb / 10P
Motor protection circuit breaker
logo
Littelfuse
PGR-6130 LITTELFUSE-PGR-6130 Datasheet
1Mb / 1P
Motor Protection–Electronic Overload (PGR 6000 Family)
2013 Rev: 4-A-050213
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com