Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR4100 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # DR4100
Description  433.92 MHz Transmitter Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR4100 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  DR4100 Datasheet HTML 1Page - RF Monolithics, Inc DR4100 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
433.92 MHz
Transmitter Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR4100-121001
Pin Desciptions
Pin
Name
Description
1
VCC
5
TX IN
The TX IN pin is connected to the transmitter TXMOD pin through a 4.7 K resistor on the circuit board. Additional series
resistance will often be required between the modulation source and the TX IN pin, depending on the desired output power
and peak modulation voltage (3.3 K typical for a peak modulation voltage of 3 volts). Saturated output power requires about
450 µA of drive current. Peak output power PO for a 3 Vdc supply is approximately:
PO = 4.8*((VTXH - 0.9)/(RM + 4.7))
2, where P
O is in mW, peak modulation voltage VTXH is in volts and external modulation
resistor RM is in kilohms
This pin must be held low in the receive and sleep modes. Please refer to section 2.9 of the ASH Transceiver Designer's
Guide for additional information.
6, 7
GND
8
NC
9
VCC
This is the positive supply voltage pin for the module. The operating voltage range is 2.7 to 3.5 Vdc. It is also possible to use
Pin 1 as the Vcc input. Please refer to the Pin 1 description above.
10
GND
This is the supply voltage return pin.
11
CTR1
CTR1 and CTR0 select the transmit modes. CTR1 high and CTR0 low place the unit in the ASK transmit mode. CTR1 low
and CTR0 high place the unit in the OOK transmit mode. CTR1 and CTR0 both low place the unit in the power down (sleep)
mode. CTR1 is a high-impedance input (CMOS compatible). An input voltage of 0 to 200 mV is interpreted as a logic low. An
input voltage of Vcc - 200 mV or greater is interpreted as a logic high. An input voltage greater than Vcc + 200 mV should not
be applied to this pin. This pin must be held at a logic level; it cannot be left unconnected.
12
CTR0
(T/S)
“T” =1 for transmission, “S” =0 for sleep mode
13
RFIO
RFIO is the RF output pin. A matching circuit for a 50 ohm load (antenna) is implemented on the circuit board between this
pin and the transceiver SAW filter transducer.
14
RF GND
This pin is the RF ground (return) to be used in conjunction with the RFIO pin. For example, when connecting the module to
an external antenna, the coaxial cable ground is connected this pin and the coaxial cable center conductor is connected to
RFIO.
Da ta I n
3 Vd c
App li ca ti on OOK C ir cu i t
1
2
3
4
5
8
9
1 0
1 1
1 2
1 3
1 4
DR 400 0
T / S
7
6
3 .3 k
DR4100
Application OOK Circuit
Da ta I n
3 Vd c
App li ca ti on ASK C ir cu i t
DR 400 0
T /S
1
2
3
4
5
8
9
1 0
1 1
1 2
1 3
1 4
7
6
3 .3 k
Application ASK Circuit
DR4100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com