Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR4100 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # DR4100
Description  433.92 MHz Transmitter Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR4100 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  DR4100 Datasheet HTML 1Page - RF Monolithics, Inc DR4100 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR4100-121001
Electrical Characteristics, 2.4 kbps On-Off Keyed
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
433.72
434.12
MHz
Data Rate
OOK
19.2
kbps
ASK
115.2
Transmitter Performance (OOK @ 2.4 kbps)
Peak Input Current, 3 Vdc Supply
ITP
12
mA
Peak Output Power
PO
0.75
mW
Turn On/Turn Off Time
tON/tOFF
12/6
µs
Power Supply Voltage Range
VCC
2.7
3.5
Vdc
Operating Ambient Temperature
TA
-20
+65
°C
•
Designed for Short-Range Wireless Data Communications
•
Supports up to 115.2 kbps Encoded Data Transmissions
•
3 V, Low Current Operation plus Sleep Mode
•
Ready to Use OEM Module
The DR4100 transmitter module is ideal for short-range wireless data applications where robust operation,
small size and low power consumption are required. The DR4100 utilizes RFM’s TX5000 amplifier-
sequenced hybrid (ASH) architecture to achieve this unique blend of characteristics. The transmitter includes
provisions for on-off keyed (OOK) and ASK modulation. The transmitter employs SAW filtering to suppress
output harmonics, facilitating compliance with ETSI 300 220 and similar regulations. The DR4100 includes
the TX5000 plus all configuration components in a ready-to-use PCB assembly, excellent for prototyping and
intermediate volume production runs.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds)
230
°C
433.92 MHz
Transmitter
Module
DR4100
DR4101 Pin Out
RF
GND
RFIO
CTR0
CTR1
GND
VCC
NC
VCC
NC
TX IN
NC
NC
1
2
3
4
5
8
9
10
11
12
13
14
6
7
GND
GND
DR4100 Pin Out
.80
.30
.20
.165
.70
.10
DR4100 Outline Drawing


Similar Part No. - DR4100

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR4100 MURATA-DR4100 Datasheet
308Kb / 2P
433.92 MHz Transmitter Module
More results

Similar Description - DR4100

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TX5000 RFM-TX5000 Datasheet
73Kb / 6P
433.92 MHz Hybrid Transmitter
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
433.92/868.35 MHz Hybrid Transmitter
logo
RF Monolithics, Inc
DR5100 RFM-DR5100 Datasheet
146Kb / 4P
433.92 MHz Receiver Module
logo
List of Unclassifed Man...
TWS-BS3 ETC1-TWS-BS3 Datasheet
215Kb / 3P
Transmitter Module : TWS-BS3 (433.92 MHz)
logo
RF Monolithics, Inc
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
433.92 MHz Transceiver Module
DR3100-1 RFM-DR3100-1 Datasheet
206Kb / 5P
433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3100 MURATA-DR3100 Datasheet
433Kb / 5P
433.92 MHz Transceiver Module
DR4100 MURATA-DR4100 Datasheet
308Kb / 2P
433.92 MHz Transmitter Module
DR5100 MURATA-DR5100 Datasheet
330Kb / 4P
433.92 MHz Receiver Module
DR7000 MURATA-DR7000 Datasheet
400Kb / 7P
433.92 MHz Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com