Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2222AS Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 2N2222AS
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  2N2222AS Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 5Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
V
CC= 30V
I
C/ I B= 10
I
B1 = I B2
T
J= 25°C
t
r @V CC= 30V
t
d@V EB(off) = 2.0V
t
d@V EB(off) =0
I
C /I B = 10
T
J= 25°C
5.0 7.0
10
20
30
50 70 100
200
300
500
200
100
70
50
30
20
10
7 0
5 0
3 0
2 0
100
70
50
30
20
10
7 0
5 0
t ’
s= t s–1/8 t f
t
f
I
C , COLLECTOR CURRENT (mA)
Figure 6. Turn - Off Time
I
C , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
R
S, SOURCE RESISTANCE (kΩ)
Figure 8. Source Resistance Effects
f = 1.0 kHz
0.010.02 0 05 0.1
0 2
0 5 1.0 2.0
5 0 10
20
50 100
10
8
6
4
2
0
50 100
200
500 1.0k
2.0k
5.0k 10k
20k
50k 100k
f , FREQUENCY (kHz)
Figure 7. Frequency Effects
I
C=50 µA
100 µA
500 µA
1.0 mA
I
C = 1.0 mA, R S = 150
Ω
I
C = 500 µA, R S = 200 Ω
I
C = 100 µA, R S = 2.0 kΩ
I
C = 50 µA, R S = 4.0 kΩ
R
S = OPTIMUM
SOURCE
RESISTANCE
10
8
6
4
2
0
I
C , COLLECTOR CURRENT (mA)
Figure 10. Current– Gain Bandwidth Product
REVERSE VOLTAGE (VOLTS)
Figure 9. Capacitance
V
CE = 20 V
T
J = 25°C
C
eb
C
cb
1.0
2.0
3 0
5.0 7 0 210
20
30
50
70 100
0.1
0.2 0 3
0.5
1.0
2 0 3 0
5.0
10
20 30
50
30
20
10
7.0
5.0
3.0
2.0
500
300
200
100
70
50
5 0 7.0
10
20
30
50 70 100
200
300
500
2011. 12. 06
4/6
Revision No : 2
2N2222AS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com