Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2222AS Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # 2N2222AS
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  2N2222AS Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 5Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 1. Turn–On Time
Scope rise time < 4.0ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
1.0 k
+30 V
200
C
S*< 10 pF
1.0 k
+30 V
200
C
S* < 10 pF
1N914
+ 16 V
–14 V
< 20 ns
<2.0 ns
– 2.0V
+ 16 V
Figure 2. Turn–Off Time
1.0 to 100µs,
DUTY CYCLE ~ 2%
SWITCHING TIME EQUIVALENT TEST CIRCUITS
0
0
1.0 to 100µs,
DUTY CYCLE ~ 2%
– 4.0 V
I
C , COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
I
B , BASE CURRENT (mA)
Figure 4. Collector Saturation Region
0.1
0 2
0 3
0 5
0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50 70 100
20
300
500 700 1.0k
1000
700
500
300
200
100
70
50
30
20
10
0.005
0.01
0.02 0.03
0 05
0.1
0 2
0 3
0.5
1 0
2.0
3 0
5.0
10
20
30
50
1.0
0.8
0.6
0.4
0.2
0
V
CE= 10 V
V
CE=1.0 V
T
J = +125°C
+25°C
–55°C
T
J = 25°C
500mA
100mA
10 mA
I
C=1.0 mA
~
~
2011. 12. 06
3/6
Revision No : 2
2N2222AS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com