Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907AS Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 2N2907AS
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2907AS Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  2N2907AS Datasheet HTML 1Page - First Silicon Co., Ltd 2N2907AS Datasheet HTML 2Page - First Silicon Co., Ltd 2N2907AS Datasheet HTML 3Page - First Silicon Co., Ltd 2N2907AS Datasheet HTML 4Page - First Silicon Co., Ltd 2N2907AS Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C eb
TYPICAL SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
V CE = 10 Vdc, T A = 25°C
f=1.0 kHz
50 100 200
500 1.0 k 2.0 k
5.0 k 10 k
20 k
50 k
I C = –1.0 mA, R S= 430 Ω
–500 µA, R S= 560 Ω
–50 µA, R S= 2.7 k Ω
–100 µA, R S= 1.6 k Ω
f, FREQUENCY (kHz)
Figure 7. Frequency Effects
R S, SOURCE RESISTANCE ( Ω )
Figure 8. Source Resistance Effects
REVERSE VOLTAGE (VOLTS)
Figure 9. Capacitances
I C , COLLECTOR CURRENT (mA)
Figure 10. Current–Gain — Bandwidth Product
I C , COLLECTOR CURRENT (mA)
Figure 11. “On” Voltage
I C , COLLECTOR CURRENT (mA)
Figure 12. Temperature Coefficients
T J = 25°C
R θVB for V BE
I C = –50µA
–100 µA
–500 µA
–1.0 mA
RS=OPT MUM SOURCE RESISTANCE
–0.1 –0 2 –0.3 –0.5
–1.0
–2.0 –3.0 –5 0
–10
–20 –30
–1.0 –2.0
–5.0
–10
–20
–50
–100 –200
–500 –1000
–0.1 –0.2
–0 5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200
–500
+0.5
0
–0.5
– 1.0
–1.5
–2.0
–2.5
0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
50 100
10
8.0
6.0
4.0
2.0
0
10
8.0
6.0
4.0
2.0
0
C cb
30
20
10
7.0
5.0
3.0
2.0
400
300
200
100
80
60
40
30
20
VCE=–20 V
T J= 25°C
V BE(sat) @ I C /I B = 10
V CE(sat) @ I C /I B = 10
V BE(on) @ V CE = –10 V
R θVC for V CE(sat)
–0.1 –0.2
–0.5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200
–500
–1 0
–0 8
–0 6
– 0.4
–0 2
0
2N2907AS
2008. 02. 18
4/5
Revision No : 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com